Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OTPL80FP Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OTPL80FP
Description  enclosed switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OTPL80FP Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OTPL80FP Datasheet HTML 8Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 9Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 10Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 11Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 12Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 13Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 14Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 15Page - List of Unclassifed Manufacturers OTPL80FP Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Enclosed switches - eOT | 13
Dimension drawings
Sheet steel and stainless steel
enclosed switches
I
L
J
H
K
P
O
Type 3R, 4X, 12
N
M
Type 1
B
C
D
F
G
E
A
19
0,75
ON
I
eOT16-32
eOT45-63
mm
in
Knock-outs in top and bottom of type 1 enclosures
38,1
1,50
50,8
2,00
38,1
1,50
34,9
1,38
41,3
1,63
41,3
1,63
34,9
1,38
38,1
1,50
38,1
1,50
3/4"
1/2"
1 "
3/4 "
3/4"
1/2"
eOT16-32
Dimension [mm/in]
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
7,9/0,31
215,9/8,50 183,4/7,22
91,7/3,61
73,7/2,90 101,6/4,00 134,1/5,28
19,0/0,75
83,3/3,28
35,5/1,36
2,8/0,11 117,9/4,64
101,6/4,0
101,6/4,0 196,9/7,75
76,2/3,00
eOT45-63
Dimension [mm/in]
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
7,9/0,31
241,3/9,50 208,8/8,22 104,4/4,11
86,1/3,39 127,0/5,00 159,5/6,28
19,0/0,75 108,7/4,28
34,5/1,36
2,8/0,11 143,3/5,64
127,0/5,0
127,0/5,0 222,3/8,75 101,6/4,00
I
L
J
H
K
P
O
Type 3R, 4X, 12
N
M
Type 1
B
C
D
F
G
E
A
19
0,75
ON
I
eOT16-32
eOT45-63
mm
in
Knock-outs in top and bottom of type 1 enclosures
38,1
1,50
50,8
2,00
38,1
1,50
34,9
1,38
41,3
1,63
41,3
1,63
34,9
1,38
38,1
1,50
38,1
1,50
3/4"
1/2"
1 "
3/4 "
3/4"
1/2"
eOT16-32
Dimension [mm/in]
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
7,9/0,31
215,9/8,50 183,4/7,22
91,7/3,61
73,7/2,90 101,6/4,00 134,1/5,28
19,0/0,75
83,3/3,28
35,5/1,36
2,8/0,11 117,9/4,64
101,6/4,0
101,6/4,0 196,9/7,75
76,2/3,00
eOT45-63
Dimension [mm/in]
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
7,9/0,31
241,3/9,50 208,8/8,22 104,4/4,11
86,1/3,39 127,0/5,00 159,5/6,28
19,0/0,75 108,7/4,28
34,5/1,36
2,8/0,11 143,3/5,64
127,0/5,0
127,0/5,0 222,3/8,75 101,6/4,00
eOT16/32_-S, eOT45-63_-S
eOT16/32_-P/M, eOT45/63_-P/M
Knock-outs in top and bottom of type 1 enclosures
P
O
N
M
Type 1
Type 3R, 4X, 12
I
L
J
H
K
eOT45-63
eOT16-32
B C
D
F
G
E
A
34,9
1,38
41,3
1,63
41,3
1,63
34,9
1,38
38,1
1,50
38,1
1,50
38,1
1,50
50,8
2,00
38,1
1,50
mm
in
3/4"
1/2"
1 "
3/4 "
3/4"
1/2"
19
0,75
eOT16-32
Dimension [mm/in]
Handle code
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
-P
7,9/0,31 215,9/8,50 183,4/7,22
91,7/3,61
73,7/2,90 101,6/4,00 134,1/5,28
36,6/1,42
83,3/3,28
45,0/1,77
2,8/0,11 128,3/5,05
101,6/4,0
101,6/4,0 196,9/7,75
76,2/3,00
-M
7,9/0,31 215,9/8,50 183,4/7,22
91,7/3,61
73,7/2,90 101,6/4,00 134,1/5,28
36,6/1,42
83,3/3,28
52,0/2,05
2,8/0,11 135,5/5,33
101,6/4,0
101,6/4,0 196,9/7,75
76,2/3,00
eOT45-63
Dimension [mm/in]
Handle code
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
-P
7,9/0,31 241,3/9,50 208,8/8,22 104,4/4,11
86,1/3,39 127,0/5,00 159,5/6,28
36,0/1,42 108,7/4,28
45,0/1,77
2,8/0,11 153,7/6,05
127,0/5,0
127,0/5,0 222,3/8,75 101,6/4,00
-M
7,9/0,31 241,3/9,50 208,8/8,22 104,4/4,11
86,1/3,39 127,0/5,00 159,5/6,28
36,0/1,42 108,7/4,28
52,0/2,05
2,8/0,11 160,7/6,32
127,0/5,0
127,0/5,0 222,3/8,75 101,6/4,00
Knock-outs in top and bottom of type 1 enclosures
P
O
N
M
Type 1
Type 3R, 4X, 12
I
L
J
H
K
eOT45-63
eOT16-32
B C
D
F
G
E
A
34,9
1,38
41,3
1,63
41,3
1,63
34,9
1,38
38,1
1,50
38,1
1,50
38,1
1,50
50,8
2,00
38,1
1,50
mm
in
3/4"
1/2"
1 "
3/4 "
3/4"
1/2"
19
0,75
eOT16-32
Dimension [mm/in]
Handle code
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
-P
7,9/0,31 215,9/8,50 183,4/7,22
91,7/3,61
73,7/2,90 101,6/4,00 134,1/5,28
36,6/1,42
83,3/3,28
45,0/1,77
2,8/0,11 128,3/5,05
101,6/4,0
101,6/4,0 196,9/7,75
76,2/3,00
-M
7,9/0,31 215,9/8,50 183,4/7,22
91,7/3,61
73,7/2,90 101,6/4,00 134,1/5,28
36,6/1,42
83,3/3,28
52,0/2,05
2,8/0,11 135,5/5,33
101,6/4,0
101,6/4,0 196,9/7,75
76,2/3,00
eOT45-63
Dimension [mm/in]
Handle code
A
B
C
D
E
F
G
H
I
J
K
L
M
N
O
P
-P
7,9/0,31 241,3/9,50 208,8/8,22 104,4/4,11
86,1/3,39 127,0/5,00 159,5/6,28
36,0/1,42 108,7/4,28
45,0/1,77
2,8/0,11 153,7/6,05
127,0/5,0
127,0/5,0 222,3/8,75 101,6/4,00
-M
7,9/0,31 241,3/9,50 208,8/8,22 104,4/4,11
86,1/3,39 127,0/5,00 159,5/6,28
36,0/1,42 108,7/4,28
52,0/2,05
2,8/0,11 160,7/6,32
127,0/5,0
127,0/5,0 222,3/8,75 101,6/4,00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com