Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

OT80F3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OT80F3
Description  Disconnect switches Non-fusible Fusible
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OT80F3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OT80F3 Datasheet HTML 1Page - List of Unclassifed Manufacturers OT80F3 Datasheet HTML 2Page - List of Unclassifed Manufacturers OT80F3 Datasheet HTML 3Page - List of Unclassifed Manufacturers OT80F3 Datasheet HTML 4Page - List of Unclassifed Manufacturers OT80F3 Datasheet HTML 5Page - List of Unclassifed Manufacturers OT80F3 Datasheet HTML 6Page - List of Unclassifed Manufacturers OT80F3 Datasheet HTML 7Page - List of Unclassifed Manufacturers OT80F3 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 | Disconnect switches - Nonfusible & fusible
Non-fusible disconnect switches
ABB’s non-fusible disconnect switches are designed to offer
maximum versatility to meet specific customer requirements.
All sizes are compact, heavy duty, 600 V disconnect
switches. The basic construction provides flexibility, safety,
and high performance in an extremely compact size.
The non-fusible switch line includes 16 amperage sizes
ranging from 16 A to 3150 A, and includes both UL 98,
UL 508 and IEC switches.
UL508 / IEC
UL98 / IEC
Standard catalog number
3 pole
OT16F3
OT25F3
OT40F3
OT63F3
OT80F3
OT30F3
OT60F3
OT100F3
Amp rating
A
20
30
40
60
80
30
60
100
Approvals
2 pole
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
3 pole
UL508 / IEC
UL508 / IEC
UL508 / IEC
UL508 / IEC
UL508 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
4 pole
UL508 / IEC
UL508 / IEC
UL508 / IEC
UL508 / IEC
UL508 / IEC
UL98 / IEC
UL98 / IEC
UL98 / IEC
Technical ratings – UL, CSA
Max operating voltage
V
600
600
600
600
600
600
600
600
Max horsepower rating
Three phase
240 V
HP
5
7.5
10
15
20
10
20
30
480 V
HP
10
15
20
30
40
20
40
50
600 V
HP
10
20
25
30
40
30
40
50
Single phase
120 V
1
1.5
2
2
2
2
3
5
240 V
2
3
5
5
5
5
7.5
15
Technical ratings – IEC
Rated insulation and operational
voltage. AC20 and DC20
V
750
750
750
750
750
750
750
750
Rated thermal current, Ith
AC 20/DC 20 open
A
25
32
40
63
80
40
63
115
AC 20/DC 20 enclosed
A
25
32
40
63
80
40
63
115
AC 21A ≤500 V
A
16
25
32
63
80
40
63
100
≤690 V
A
16
25
32
63
80
40
63
100
Rated operational power AC23
400/415 V
kW
7.5
9
11
22
37
15
18.5
37
690 V
kW
7.5
9
11
15
18.5
15
15
37
Short circuit interrupting capacity
Fuse type CC
kA
10
—
10
—
10
—
—
—
—
—
—
—
—
—
—
—
Fuse type J
kA
10
10
10
10
10
10
100
—
100
—
50
200
50
200
50
200
Fuse type T
kA
10
10
10
10
10
10
100
—
100
—
50
200
50
200
50
200
Fuse type RK1
kA
10
—
10
—
10
—
—
—
—
—
—
—
—
—
—
—
Fuse type RK5
kA
5
5
5
5
5
5
10
5
10
5
—
—
—
—
—
—
Fuse type L
kA
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Fuse type H
kA
—
—
—
—
—
—
—
5
—
5
—
—
—
—
—
—
Maximum fuse size
A
30
60 2
30
60 2
30
60 2
100
150
100
150
60
60
150
60
150
100
Physical characteristics
Weight 1
3 pole
lb
0.24
0.24
0.24
0.59
0.59
0.79
0.79
0.79
Dimensions 3 pole
H in
2.68
2.68
2.68
3.60
3.60
3.94
3.94
3.94
W in
1.38
1.38
1.38
2.07
2.07
2.76
2.76
2.76
D in
2.20
2.20
2.20
2.85
2.85
2.95
2.95
2.95
1 Switch only.
2 Fuse size 70 A for RK5.
OT16F3
OT25F3
OT40F3
OT63F3
OT80F3
OT30F3
OT60F3
OT100F3
ABB non-fusible disconnects are also customizable in
that they are available in a number of special premium
configurations.
• Side operated
• Maintenance bypass
• Flange operated
• Double throw
• Multiple poles, (2, 3, 4 & 6)
• Motor operators



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com