Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

REF200AP Datasheet(PDF) 25 Page - Texas Instruments

Part # REF200AP
Description  Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF200AP Datasheet(HTML) 25 Page - Texas Instruments

Back Button REF200AP Datasheet HTML 21Page - Texas Instruments REF200AP Datasheet HTML 22Page - Texas Instruments REF200AP Datasheet HTML 23Page - Texas Instruments REF200AP Datasheet HTML 24Page - Texas Instruments REF200AP Datasheet HTML 25Page - Texas Instruments REF200AP Datasheet HTML 26Page - Texas Instruments REF200AP Datasheet HTML 27Page - Texas Instruments REF200AP Datasheet HTML 28Page - Texas Instruments REF200AP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
REF200
VSUPPLY
GND
C
R
R
R
To RTD
To INA
REF200
www.ti.com
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
9 Power Supply Recommendations
The REF200 device has completely floating current sources and current mirror. The REF200 device has a wide
compliance voltage range from 2.5 V to 40 V.
10 Layout
10.1 Layout Guidelines
Figure 42 illustrates an example of a printed-circuit-board (PCB) layout for a data acquisition system using the
REF2030. Some key considerations are:
Minimize trace lengths in the current source and current mirror paths to reduce impedance.
Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise pickup.
Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring.
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary.
10.2 Layout Example
Figure 42. Example Layout of REF200 in a RTD Measurement System
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com