Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1411931 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1411931
Description  Flush-type connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1411931 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1411931 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1411931 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1411931 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1411931 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1411931 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/gb/products/1411931
30/11/2015   Page 3 / 5
Flush-type connector - SACC-CI-M12MST-4P SMD T - 1411931
Approvals
UL Listed 
 
 
Nominal current IN
10 A
Nominal voltage UN
63 V
cUL Listed 
 
 
Nominal current IN
8 A
Nominal voltage UN
63 V
cULus Listed 
Accessories
Accessories
Panel mounting base
Housing screw connection - SACC-BP-M-M12/M15-6-SMD - 1414000
Housing screw connection, PlugLink:M12, Rear mounting, M15 x 1
 
 
Housing screw connection - SACC-BP-M-M12/M15-6-SMD SCO - 1414002
Housing screw connection, PlugLink:M12-SPEEDCON, Rear mounting, M15 x 1
 
 



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com