Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AL1697 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL1697
Description  High PF, Offline Dimmable LED Driver with Internal High-Voltage MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1697 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL1697 Datasheet HTML 1Page - Diodes Incorporated AL1697 Datasheet HTML 2Page - Diodes Incorporated AL1697 Datasheet HTML 3Page - Diodes Incorporated AL1697 Datasheet HTML 4Page - Diodes Incorporated AL1697 Datasheet HTML 5Page - Diodes Incorporated AL1697 Datasheet HTML 6Page - Diodes Incorporated AL1697 Datasheet HTML 7Page - Diodes Incorporated AL1697 Datasheet HTML 8Page - Diodes Incorporated AL1697 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AL1697
Document number: DS38223 Rev. 3 - 2
4 of 13
www.diodes.com
January 2016
© Diodes Incorporated
AL1697
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO
VTH (ST)
Startup Voltage
–
–
14.5
–
V
VOPR(Min)
Minimal Operating Voltage
After Turn On
–
8.5
–
V
VCC_CLAMP
VCC Clamp Voltage
ICC=1mA
–
15.5
–
V
Standby Current
IST
Start-Up Current
VCC = VTH (ST)-0.5V,
Before Start Up
–
130
–
µA
ICC (OPR)
Operating Current
Switching Frequency
at 4kHz
–
170
–
µA
Source Driver
RDS(ON)LV
Low Voltage MOSFET On-State
Resistance (Note 7)
–
–
1
–
Ω
High Voltage and Super-Junction MOSFET
RDS(ON)HV
Drain-Source On-State Resistance
AL1697-20CS7-13
–
4
5.5
Ω
AL1697-40DS7-13
–
1.8
2.5
VDS
Drain-Source Breakdown Voltage
AL1697-20CS7-13
600
–
–
V
AL1697-40DS7-13
670
700
–
IDSS
Drain-Source Leakage Current
AL1697-20CS7-13
–
–
1
µA
AL1697-40DS7-13
–
–
1
RT
VRT_REF
Reference Voltage of RT pin
–
–
0.5
–
V
Current Sense
VCS_CLAMP
CS Clamp Voltage
–
–
1
–
V
VREF
Internal Current Loop Control
Reference
–
0.388
0.4
0.412
V
tON_MIN
Minimum tON
–
–
550
–
ns
tON_MAX
Maximum tON
RT=51kΩ, VCOMP=4V
–
3.6
–
µs
tOFF_MIN
Minimum tOFF (Note 7)
–
–
4
–
µs
tOFF_MAX
Maximum tOFF
–
–
260
–
µs
FB
VFB
Feedback Voltage
–
3.76
4.0
4.24
V
IFB
Feedback Pin Input Leakage
Current
VFB = 2V
–
4
–
μA
Error Amplifier
Gm
Gm Trans-Conductance
–
–
25
–
µA/V
ISOURCE
Amplifier Source Current
–
–
10
–
µA
ISINK
Amplifier Sink Current
–
–
9
–
µA
Thermal Foldback and Over Temperature Protection (OTP)
TFOLD
Foldback Temperature (Note 7)
–
–
+145
–
°C
–
Shutdown Temperature (Notes 7 & 8)
–
–
+160
–
°C
Notes:
7. These parameters, although guaranteed by design, are not tested in production.
8. The device will latch off when OTP happens, recovered after power cycle and the device won
’t operate normally at this temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com