Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1690 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1690
Description  SINGLE STAGE PRIMARY SIDE REGULATION PFC CONTROLLER FOR DIMMABLE LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1690 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1690 Datasheet HTML 1Page - Diodes Incorporated AP1690 Datasheet HTML 2Page - Diodes Incorporated AP1690 Datasheet HTML 3Page - Diodes Incorporated AP1690 Datasheet HTML 4Page - Diodes Incorporated AP1690 Datasheet HTML 5Page - Diodes Incorporated AP1690 Datasheet HTML 6Page - Diodes Incorporated AP1690 Datasheet HTML 7Page - Diodes Incorporated AP1690 Datasheet HTML 8Page - Diodes Incorporated AP1690 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AP1690
Document number: DS36469 Rev. 2 - 2
3 of 9
www.diodes.com
May 2014
© Diodes Incorporated
AP1690
A Product Line of
Diodes Incorporated
Functional Block Diagram
Regulator
&
Bias
OVP
Tonsec
Detector
0.1V
1.8V
PFM
Tons
UVLO
COMP
EA
UVLO
pro
CV_CTRL
PFM Driver
R
Q
S
R
Q
S
CC_CTRL
FB
CS
PD
VCC
OUT
GND
Acceleration Start
Control
Peak Current Control
& LEB
Dimming Control
DIM
2
3
4
5
6
7
8
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
-0.3 to 30
V
IOUT
Driver Output Current
300
mA
VPD, VDIM, VCS
Voltage at PD, DIM, CS
-0.3 to 7
V
VFB
FB Input Voltage
-40 to 10
V
TJ
Operating Junction Temperature
+150
ºC
TSTG
Storage Temperature
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
ºC
PD
Power Dissipation at TA = +50C
0.65
W
θJA
Thermal Resistance (Junction to Ambient)
190
C/W
–
ESD (Machine Model)
200
V
–
ESD (Human Body Model)
3000
V
Note 4
: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com