Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1694 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1694
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1694 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1694 Datasheet HTML 1Page - Diodes Incorporated AP1694 Datasheet HTML 2Page - Diodes Incorporated AP1694 Datasheet HTML 3Page - Diodes Incorporated AP1694 Datasheet HTML 4Page - Diodes Incorporated AP1694 Datasheet HTML 5Page - Diodes Incorporated AP1694 Datasheet HTML 6Page - Diodes Incorporated AP1694 Datasheet HTML 7Page - Diodes Incorporated AP1694 Datasheet HTML 8Page - Diodes Incorporated AP1694 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AP1694
Document number: DS36522 Rev. 2 - 2
2 of 9
www.diodes.com
December 2013
© Diodes Incorporated
AP1694
A Product Line of
Diodes Incorporated
Typical Applications Circuit
VCC
RI
SGND
GND
CS
OUT
FB
L
N
R1
BD1
ZD
L1
C1
C2
R7
R6
R8
R12
R9
R11
Q1
T1
U1
R10
C4
F1
TVS1
LED+
LED-
D2
R5
C3
+
R2
R3
R4
D1
Q2
2
3
6
4
7
5
8
Pin Descriptions
Pin Number
Pin Name
Function
1
NC
No connection.
2
RI
The initial on time setting resistor.
3
SGND
Must connect to GND.
4
CS
Primary current sensing.
5
FB
The feedback voltage from auxiliary winding
6
GND
Ground.
7
OUT
Gate driver output.
8
VCC
Supply voltage of gate driver and control circuits of the IC.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com