Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DGD2103 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2103
Description  HALF-BRIDGE GATE DRIVER IN SO-8
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2103 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2103 Datasheet HTML 1Page - Diodes Incorporated DGD2103 Datasheet HTML 2Page - Diodes Incorporated DGD2103 Datasheet HTML 3Page - Diodes Incorporated DGD2103 Datasheet HTML 4Page - Diodes Incorporated DGD2103 Datasheet HTML 5Page - Diodes Incorporated DGD2103 Datasheet HTML 6Page - Diodes Incorporated DGD2103 Datasheet HTML 7Page - Diodes Incorporated DGD2103 Datasheet HTML 8Page - Diodes Incorporated DGD2103 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2103
Document Number DS38278 Rev. 3 - 2
1 of 11
www.diodes.com
February 2016
© Diodes Incorporated
DGD2103
HALF-BRIDGE GATE DRIVER IN SO-8
Description
The DGD2103 is a high-voltage / high-speed gate driver capable of
driving N-channel MOSFETs and IGBTs in a half-bridge configuration.
High voltage processing techniques enable the DGD2103
’s high side
to switch to 600V in a bootstrap operation.
The DGD2103 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) to interface easily with controlling
devices. The driver output features high pulse current buffers
designed for minimum driver cross conduction. DGD2103 has a fixed
internal deadtime of 520ns (typical).
The DGD2103 is offered in the SO-8 (Type TH) package and operates
over an extended -40°C to +125°C temperature range.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating high-side driver in bootstrap operation to 600V
Drives two N-channel MOSFETs or IGBTs in a half-bridge
configuration
290mA source/600mA sink output current capability
Outputs tolerant to negative transients
Internal dead time of 520ns to protect MOSFETs
Wide low side gate driver supply voltage: 10V to 20V
Logic input (HIN and LIN*) 3.3V capability
Schmitt triggered logic inputs
Undervoltage lockout for VCC (logic and low side supply)
Extended temperature range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony free.
“Green” Device (Note 3)
Mechanical Data
Case: SO-8 (Type TH)
Case material: Molded Plastic
. “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads.
Solderable per MIL-STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DGD2103S8-13
DGD2103
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-8 (Type TH)
Top View
Typical Configuration
DGD2103
YY WW
= Manufacturer’s marking
DGD2103 = Product Type Marking Code
YY
= Year (ex: 16 = 2016)
WW
= Week (01 - 53)
Typical configuration


Similar Part No. - DGD2103

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2103A DIODES-DGD2103A Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2103AS8-13 DIODES-DGD2103AS8-13 Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2103M DIODES-DGD2103M Datasheet
897Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
January 2021
DGD2103MS8-13 DIODES-DGD2103MS8-13 Datasheet
897Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
January 2021
More results

Similar Description - DGD2103

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2103A DIODES-DGD2103A Datasheet
792Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2104 DIODES-DGD2104 Datasheet
731Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 3
DGD2104A DIODES-DGD2104A Datasheet
710Kb / 12P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD2184 DIODES-DGD2184 Datasheet
734Kb / 12P
HALF BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD21042 DIODES-DGD21042 Datasheet
968Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD1503 DIODES-DGD1503 Datasheet
758Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 2
DGD1504 DIODES-DGD1504 Datasheet
967Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD21032 DIODES-DGD21032 Datasheet
943Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev 1
DGD2103M DIODES-DGD2103M Datasheet
897Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
January 2021
DGD2304 DIODES-DGD2304_V01 Datasheet
786Kb / 11P
HALF-BRIDGE GATE DRIVER IN SO-8
Rev. 6 - 2 December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com