Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DGD2181 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DGD2181
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2181 Datasheet(HTML) 4 Page - Diodes Incorporated

  DGD2181 Datasheet HTML 1Page - Diodes Incorporated DGD2181 Datasheet HTML 2Page - Diodes Incorporated DGD2181 Datasheet HTML 3Page - Diodes Incorporated DGD2181 Datasheet HTML 4Page - Diodes Incorporated DGD2181 Datasheet HTML 5Page - Diodes Incorporated DGD2181 Datasheet HTML 6Page - Diodes Incorporated DGD2181 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DGD2181
Document number: DS38286 Rev. 1 - 2
4 of 7
www.diodes.com
December 2015
© Diodes Incorporated
DGD2181
DC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, @TA = +25°C, unless otherwise specified.) (Note 7)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Logic “1” Input Voltage
VIH
2.5
V
VCC = 10V to 20V
Logic “0” Input Voltage
VIL
0.8
V
VCC = 10V to 20V
High Level Output Voltage, VBIAS - VO
VOH
1.4
V
IO = 0mA
Low Level Output Voltage, VO
VOL
0.2
V
IO = 20mA
Offset Supply Leakage Current
ILK
50
µA
VB = VS = 600V
Quiescent VBS Supply Current
IBSQ
20
60
150
µA
VIN = 0V or 5V
Quiescent VCC Supply Current
ICCQ
50
120
240
uA
VIN = 0V or 5V
Logic “1” Input Bias Current
IIN+
25
60
µA
VIN = 5V
Logic “0” Input Bias Current
IIN-
5.0
µA
VIN = 0V
VBS Supply Under-voltage Positive Going Threshold
VBSUV+
8.0
8.9
9.8
V
VBS Supply Under-voltage Negative Going Threshold
VBSUV-
7.4
8.2
9.0
V
VCC Supply Under-voltage Positive Going Threshold
VCCUV+
8.0
8.9
9.8
V
VCC Supply Under-voltage Negative Going Threshold
VCCUV-
7.4
8.2
9.0
V
Output High Short Circuit Pulsed Current
IO+
1.4
1.9
A
VO = 0V, PW ≤ 10µs
Output Low Short Circuit Pulsed Current
IO-
1.7
2.3
A
VO = 15V, PW ≤ 10µs
Note:
7. The VIN and IIN parameters are applicable to the two logic input pins: LIN and HIN. The VO and IO parameters are applicable to the respective output pins:
HO and LO.
AC Electrical Characteristics (VBIAS (VCC, VBS) = 15V, CL = 1000pF, @TA = +25°C, unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Turn-on Propagation Delay
tON
180
270
ns
VS = 0V
Turn-off Propagation Delay
tOFF
220
330
ns
VS = 0V or 600V
Delay Matching, HS & LS Turn-on/off
tDM
35
ns
Turn-on Rise Time
tr
40
60
ns
VS = 0V
Turn-off Fall Time
tf
20
35
ns
VS = 0V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com