Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8008 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8008
Description  3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8008 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8008 Datasheet HTML 1Page - Diodes Incorporated PAM8008 Datasheet HTML 2Page - Diodes Incorporated PAM8008 Datasheet HTML 3Page - Diodes Incorporated PAM8008 Datasheet HTML 4Page - Diodes Incorporated PAM8008 Datasheet HTML 5Page - Diodes Incorporated PAM8008 Datasheet HTML 6Page - Diodes Incorporated PAM8008 Datasheet HTML 7Page - Diodes Incorporated PAM8008 Datasheet HTML 8Page - Diodes Incorporated PAM8008 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PAM8008
Document number: DSxxxxx Rev. 1 - 0
2 of 14
www.diodes.com
October 2012
© Diodes Incorporated
PAM8008
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Pin
Number
Pin
Name
Function
1
SD
Full Chip ShutdownControl Input (active low).
2
BYPASS
Bias Voltage for Power Amplifiers.
3
RINN
Negative Input of Right Channel Power Amplifier.
4
PL
Connect PL to GND for Power Limit Setting.
5, 12, 13
GND
Ground Connection.
6
LINN
Negative Input of Left Channel Power Amplifier.
7
VOLUME
DC Volume Control to Set the Gain of Class-D.
8
MUTE
Mute Control Input (active high).
9
LOUTP
Positive Output of Left Channel Power Amplifier.
10, 15
VDD
Power Supply.
11
LOUTN
Negative Output of Lef t Channel Power Amplifier.
14
ROUTN
Negative Output of Right Channel Power Amplifier.
16
ROUTP
Positive Output of Right Channel Power Amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com