Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8303CBSC Datasheet(PDF) 10 Page - Diodes Incorporated

Part # PAM8303CBSC
Description  ULTRA LOW EMI, 3W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8303CBSC Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button PAM8303CBSC Datasheet HTML 6Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 7Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 8Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 9Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 10Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 11Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 12Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 13Page - Diodes Incorporated PAM8303CBSC Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PAM8303C
Document number: DSxxxxx Rev. 1 - 2
10 of 17
www.diodes.com
June 2013
© Diodes Incorporated
PAM8303C
A Product Line of
Diodes Incorporated
Application Information
Test Setup for Performance Testing
Notes:
1. The AP AUX-0025 low pass filter is necessary for Class-D amplifier measurement with AP analyzer.
2. Two 22
μH inductors are used in series with load resistor to emulate the small speaker for efficiency measurement.
Input Resistance (RI)
The input resistors (RI) set the gain of the amplifier according to Equation 1.
V
V
R
k
150
x
2
Gain
I
Resistor matching is very important in fully differential amplifiers. The balance of the output on the reference voltage depends on matched ratios
of the resistors. CMRR, PSRR, and cancellation of the second harmonic distortion diminish if resistor mismatch occurs. Therefore, it is
recommended to use 1% tolerance resistors or better to keep the performance optimized. Matching is more important than overall tolerance.
Resistor arrays with 1% matching can be used with a tolerance greater than 1%.
Place the input resistors very close to the PAM8303C to limit noise injection on the high impedance nodes.
For optimal performance the gain should be set to 2X (RI = 150k) or lower. Lower gain allows the PAM8303C to operate at its best, and keeps a
high voltage at the input making the inputs less susceptible to noise. In addition to these features, higher value of RI minimizes pop noise.
Input Capacitors (CI)
In the typical application, an input capacitor, Ci, is required to allow the amplifier to bias the input signal to the proper DC level for optimum
operation. In this case, Ci and the minimum input impedance RI form is a high-pass filter with the corner frequency determined in the follow
equation:
C
R
2
1
f
I
I
C
It is important to consider the value of Ci as it directly affects the low frequency performance of the circuit. For example, when Ri is 150kΩ and
the specification calls for a flat bass response are down to 150Hz. Equation is reconfigured as followed:
F
R
2
1
C
CI
I
I
When input resistance variation is considered, the CI is 7nF, so one would likely choose a value of 10nF. A further consideration for this
capacitor is the leakage path from the input source through the input network (CI, RI + RF) to the load. This leakage current creates a DC offset
voltage at the input to the amplifier that reduces useful headroom, especially in high gain applications.
For this reason, a low-leakage tantalum or ceramic capacitor is the best choice. When polarized capacitors are used, the positive side of the
capacitor should face the amplifier input in most applications as the DC level is held at VDD/2, which is likely higher than the source DC level.
Please note that it is important to confirm the capacitor polarity in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com