Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PAM8902H Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8902H
Description  30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8902H Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8902H Datasheet HTML 1Page - Diodes Incorporated PAM8902H Datasheet HTML 2Page - Diodes Incorporated PAM8902H Datasheet HTML 3Page - Diodes Incorporated PAM8902H Datasheet HTML 4Page - Diodes Incorporated PAM8902H Datasheet HTML 5Page - Diodes Incorporated PAM8902H Datasheet HTML 6Page - Diodes Incorporated PAM8902H Datasheet HTML 7Page - Diodes Incorporated PAM8902H Datasheet HTML 8Page - Diodes Incorporated PAM8902H Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PAM8902H
Document number: DSxxxxx Rev. 1 - 0
2 of 12
www.diodes.com
December 2012
© Diodes Incorporated
PAM8902H
A Product Line of
Diodes Incorporated
Typical Applications Circuit
Pin Descriptions
Pin Name
Bump (CSP)
Pin Number (QFN)
Function
PVCC
A1
16
Audio Amplifier Power Supply
VOUT
A2
1
Boost Convertor Output
SW
A3
2
Boost Convertor Switching Node
PGND1
A4
4
Boost Convertor Power Ground
OUT+
B1
15
Positive Differential Audio Output
VSET
B2
3
Boost Convertor Output Voltage Setting (8V,12V,17.5V)
COMP
B3
5
Boost Convertor compensation
AVDD
B4
6
Power Supply
OUT-
C1
14
Negative Differential Audio Output
GSET
C2
11
Amplifier Gain setting ( 21dB , 26dB , 32.5dB)
VCM
C3
7
Common Mode bypass Cap
AGND
C4
8
Analog Ground
PGND2
D1
13
Class D Power Ground
ENA
D2
12
Whole chip Enable
INN
D3
10
Negative Differential Audio Input
INP
D4
9
Positive Differential Audio Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com