Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EC21C Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # EC21C
Description  Compatible with reflow soldering, allowing mounting at the same time as other surface mount components
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

EC21C Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  EC21C Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. EC21C Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Applications
Ring design improves end product design flexibility
Excellent operating feel
Compatible with reflow soldering
Controls for electronics and appliances such as car audio
  and HVAC systems, microwaves and washing machines
Typical Specifications
Dimensions
Unit : mm
Compatible with reflow soldering, allowing mounting
at the same time as other surface mount components
Dimensions (W×D×H)
Max. rating
Detent torque
No. of pulses/detents
Operating life
21.6×22×12mm
Output signal
Incremental (2-phase)
Initial:17±8mN・m
After reflow:12mN・m
Initial:30±15mN・m
After reflow:20±10mN・m
Initial:22±11mN・m
After reflow:18±7mN・m
15 / 30
28×29.5×15mm
10mA 5V DC
35.2×36×14.9mm
EC21C
EC21C
EC21C
EC28C
EC35CH
EC35CH
Incremental (3-phase)
6 / 18
50,000 cycles
Mounting surface
φ21.6
2-2
4
2
12
φ10.8
2-8
B
C
A
EC28C
Ring Type Encoder (Reflow-Compatible Type)
EC21C / EC28C / EC35CH Series 
Inquiries about this product
Product Information Center +81 (3) 5499-8154
Product Information URL http://www.alps.com/products/e/


Similar Part No. - EC21C

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC21C ALPS-EC21C Datasheet
1Mb / 4P
21mm Size Ring Type
EC21C ALPS-EC21C Datasheet
878Kb / 6P
Insulated shaft type with a wide variety of applications
EC21C1520401 ALPS-EC21C1520401 Datasheet
1Mb / 4P
21mm Size Ring Type
logo
List of Unclassifed Man...
EC21C1520402 ETC-EC21C1520402 Datasheet
144Kb / 4P
Product Change Notice
June 8, 2020
More results

Similar Description - EC21C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APHB1608LCGKSURKC KINGBRIGHT-APHB1608LCGKSURKC Datasheet
278Kb / 6P
Compatible with reflow soldering
APHB1608LCGKSYKC KINGBRIGHT-APHB1608LCGKSYKC Datasheet
275Kb / 6P
Compatible with reflow soldering
APHB1608LQBDCGKC KINGBRIGHT-APHB1608LQBDCGKC Datasheet
281Kb / 6P
Compatible with reflow soldering
APHB1608LQBDSURKC KINGBRIGHT-APHB1608LQBDSURKC Datasheet
299Kb / 6P
Compatible with reflow soldering
APHB1608LVBDSEKJ3C KINGBRIGHT-APHB1608LVBDSEKJ3C Datasheet
285Kb / 6P
Compatible with reflow soldering
APHB1608LVBDSYKJ3C KINGBRIGHT-APHB1608LVBDSYKJ3C Datasheet
290Kb / 6P
Compatible with reflow soldering
APHB1608LVBDZGKC KINGBRIGHT-APHB1608LVBDZGKC Datasheet
303Kb / 6P
Compatible with reflow soldering
APHB1608LZGKSURKC KINGBRIGHT-APHB1608LZGKSURKC Datasheet
280Kb / 6P
Compatible with reflow soldering
APHB1608LZGKSYKC KINGBRIGHT-APHB1608LZGKSYKC Datasheet
302Kb / 6P
Compatible with reflow soldering
APHB1608SYKSURKC KINGBRIGHT-APHB1608SYKSURKC Datasheet
258Kb / 6P
Compatible with reflow soldering
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com