Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CAP1298 Datasheet(PDF) 8 Page - Microchip Technology

Part # CAP1298
Description  8-Channel Capacitive Touch Sensor Controller with Proximity Detection & Signal Guard
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1298 Datasheet(HTML) 8 Page - Microchip Technology

Back Button CAP1298 Datasheet HTML 4Page - Microchip Technology CAP1298 Datasheet HTML 5Page - Microchip Technology CAP1298 Datasheet HTML 6Page - Microchip Technology CAP1298 Datasheet HTML 7Page - Microchip Technology CAP1298 Datasheet HTML 8Page - Microchip Technology CAP1298 Datasheet HTML 9Page - Microchip Technology CAP1298 Datasheet HTML 10Page - Microchip Technology CAP1298 Datasheet HTML 11Page - Microchip Technology CAP1298 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
CAP1298
DS00001571B-page 8
 2013-2015 Microchip Technology Inc.
TABLE 2-1:
ELECTRICAL SPECIFICATIONS
VDD = 3V to 5.5V, TA = 0°C to 85°C, all Typical values at TA = 25°C unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Conditions
DC Power
Supply Voltage
VDD
3.0
5.5
V
Supply Current
ISTBY_DEF
120
170
µA
Standby state active
1 sensor input monitored
Default conditions (8 avg, 70ms
cycle time)
ISTBY_LP
50
µA
Standby state active
1 sensor input monitored
1 avg, 140ms cycle time
IDSLEEP_3V
5TBD
µA
Deep Sleep state active
No communications
TA < 40°C
3.135 < VDD < 3.465V
IDD
500
750
µA
Capacitive Sensing Active
signal guard disabled
Capacitive Touch Sensor Inputs
Maximum Base
Capacitance
CBASE
50
pF
Pad untouched
Minimum Detectable
Capacitive Shift
C
TOUCH
20
fF
Pad touched - default conditions
Recommended Cap
Shift
C
TOUCH
0.1
2
pF
Pad touched - Not tested
Power Supply
Rejection
PSR
±3
±10
counts
/ V
Untouched Current Counts
Base Capacitance 5pF - 50pF
Negative Delta Counts disabled
Maximum sensitivity
All other parameters default
Power-On and Brown-out Reset (see Section 4.2, "Reset")
Power-On Reset
Voltage
VPOR
1
1.3
V
Pin States Defined
Power-On Reset
Release Voltage
VPORR
2.85
V
Rising VDD
Ensured by design
Brown-Out Reset
VBOR
2.8
V
Falling VDD
VDD Rise Rate
(ensures internal
POR signal)
SVDD
0.05
V/ms
0 to 3V in 60ms
Power-Up Timer
Period
tPWRT
10
ms
Brown-Out Reset
Voltage Delay
tBORDC
1µs
VDD = VBOR - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com