Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MCSO1ELS Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # MCSO1ELS
Description  low consumption 32.768 kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

MCSO1ELS Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  MCSO1ELS Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND MCSO1ELS Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 1.0/08.2015
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
ENVIRONMENTAL
CHARACTERISTICS:
Storage temp. range
-65 to +125°C
Vibration resistance
10 to 2000Hz / 40g
Shocks resistance
10000g / 0.3ms / ½ sine
TERMINATIONS AND
PROCESSING:
Reflowsoldering
+260°C / 10s max
Package
Ceramic 8 x 4 x 2mm
Lids (standard)
Kovar
Lids (on request)
Ceramic Height 2.5mm type
MCSO1ELSC
Terminations option T3 on request
(not available on G temperature range)
with tinned Ag/Cu/Zn
E/D option 1 on request
Reactiontime˂5mS
Pin1open→Pin3Clock
H →
Clock
L →
Low
PRODUCT DESCRIPTION AND
ORDERING INFORMATION:
All specifications subject to change without notice.
Frequency «kHz»
32.768
Other frequencies on request
STANDARD FREQUENCIES:
- No power E/D function (pin 1) before Vdd is setting on
-Disableoption(consumption≤5μA).
C
= Ceramic lids
blank
= Kovar lids
W
= Vdd 2.5V
V
= Vdd 3.3V
blank
= Vdd 5V
R
= -10 to 150°C
S
= -10 to 175°C
T
= -10 to 200°C
X
= custom
Frequency
option 1 E/D
enable / disable
option 2
blank Au plasted
T3 = tinned
customer
spec N°
MCSO1ELS C V - S 32kHz E/D T3 XXX
TAbLE 1: Idd
(With load 10pF)
Frequency
F=32 kHz
W=Vdd = 2.5V
<100μA
V=Vdd = 3.3V
<110μA
blank=Vdd = 5V
<120μA
Auniquepartnumberwillbegeneratedforeachproductspecification:i.e:
20xxxx-EA00
xxx pcs
(in ESD plastic tray)
200xxx-ML00
xxx pcs
(in tape & reel, any quantity)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com