Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD1002 Datasheet(PDF) 8 Page - Microchip Technology

Part # UPD1002
Description  USB Power Delivery Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UPD1002 Datasheet(HTML) 8 Page - Microchip Technology

Back Button UPD1002 Datasheet HTML 4Page - Microchip Technology UPD1002 Datasheet HTML 5Page - Microchip Technology UPD1002 Datasheet HTML 6Page - Microchip Technology UPD1002 Datasheet HTML 7Page - Microchip Technology UPD1002 Datasheet HTML 8Page - Microchip Technology UPD1002 Datasheet HTML 9Page - Microchip Technology UPD1002 Datasheet HTML 10Page - Microchip Technology UPD1002 Datasheet HTML 11Page - Microchip Technology UPD1002 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
UPD1002
DS00001760B-page 8
 2014 Microchip Technology Inc.
Note:
The buffer type for each signal is indicated in the BUFFER TYPE column of Table 2-2, "Pin Descriptions".
A description of the buffer types is provided in Section 2.3, "Buffer Types".
2.1.2
32-SQFN PIN ASSIGNMENTS
The UPD1002 32-SQFN provides four distinct pin configurations (32-P_A, 32-CP_B, 32-PC_A, and 32-PC_uAB) based
upon the CFG_SEL0 and CFG_SEL1 Configuration Select signals. These configurations are designed for specific appli-
cations, as outlined in Table 1-1, “UPD1002 Package/Pin Configuration Summary,” on page 6. The 32-SQFN package
pin assignments for each configuration are detailed in Table 2-1. For pin descriptions, refer to Section 2.2, "Pin Descrip-
tions". For example connection diagrams, refer to Section 2.4, "Power Connection Diagram," on page 22. For informa-
tion on the Configuration Select signals, refer to Section 3.3, "Configuration Selection (CFG_SEL0/CFG_SEL1)".
TABLE 2-1:
32-SQFN PACKAGE PIN ASSIGNMENTS
Pin
Number
Configuration
32-P_A
Pin Name
Configuration
32-CP_B
Pin Name
Configuration
32-PC_A
Pin Name
Configuration
32-PC_uAB
Pin Name
1
CFG_SEL0
2
CFG_SEL1
3
PD_EN
PD_EN
PD_GOOD
PD_GOOD
4
VDD33_CAP
5
VBUS
6
VSW_CAP
7
VTR
8
VDD18A_CAP
9
SPI_ROM_CE_N
10
SPI_ROM_CLK
11
SPI_ROM_DO
12
SPI_ROM_DI
13
VDDIO
14
VBUS_DISCHARGE
VBUS_DISCHARGE
EXT_PWR_DET
EXT_PWR_DET
15
INSERTION_DETECT
VSEL0_N
INSERTION_DETECT
NC
16
PD_DETECT
VSEL1_N
PD_DETECT
NC
17
VMON
18
IMON
19
VDDIO
20
VDD18_CAP
21
PD_VDD18
22
HUB_PWR_EN
VSEL2_N
HUB_PWR_EN
HUB_PWR_EN
23
PD_ID
24
PD_DATA
25
CHG_EMU_EN
VSAFEDB_EN
PPC_PWR_EN
PPC_PWR_EN
26
TEST
27
RESET_N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com