Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2422 Datasheet(PDF) 35 Page - Microchip Technology

Part # USB2422
Description  2-Port USB 2.0 Hi-Speed Hub Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2422 Datasheet(HTML) 35 Page - Microchip Technology

Back Button USB2422 Datasheet HTML 31Page - Microchip Technology USB2422 Datasheet HTML 32Page - Microchip Technology USB2422 Datasheet HTML 33Page - Microchip Technology USB2422 Datasheet HTML 34Page - Microchip Technology USB2422 Datasheet HTML 35Page - Microchip Technology USB2422 Datasheet HTML 36Page - Microchip Technology USB2422 Datasheet HTML 37Page - Microchip Technology USB2422 Datasheet HTML 38Page - Microchip Technology USB2422 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
2013 - 2015 Microchip Technology Inc.
DS00001726B-page 35
USB2422
5.0
DC PARAMETERS
5.1
Maximum Ratings
Note 5-1
Refer to JEDEC Specification J-STD-020D [3].
Note 5-2
Stresses above the specified parameters could cause permanent damage to the device. This is a
stress rating only and functional operation of the device at any condition above those indicated in the
operation sections of this specification is not implied.
Note 5-3
When powering this device from laboratory or system power supplies, it is important that the absolute
maximum ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when the AC power is switched on or off. In addition, voltage transients on
the AC power line may appear on the DC output. When this possibility exists, it is suggested that a
clamp circuit be used.
5.2
Operating Conditions
Parameter
Symbol
MIN
MAX
Units
Comments
Storage Temperature
TSTOR
-55
150
°C
Lead Temperature
Refer to JEDEC Specification
J-STD-020D 3.
3.3 V supply voltage
VDD33
4.6
V
Voltage on any I/O pin
-0.5
5.5
V
Voltage on XTALIN
-0.5
4.0
V
Voltage on XTALOUT
-0.5
2.5
V
Parameter
Symbol
MIN
MAX
Units
Comments
USB2422 Operating
Temperature
TA
0
70
°C
Ambient temperature in still air
USB2422-i Operating
Temperature
TA
-40
85
°C
Ambient temperature in still air
3.3 V supply voltage
VDD33
3.0
3.6
V
3.3 V supply rise time
tRT33
0400
μsSee Figure 5-1
Voltage on any I/O pin
-0.3
5.5
V
If any 3.3 V supply voltage drops
below 3.0 V, then the MAX
becomes:
(3.3 V supply voltage) + 0.5
Voltage on XTALIN
-0.3
VDD12 +
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com