Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L7292 Datasheet(PDF) 51 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 47Page - STMicroelectronics L7292 Datasheet HTML 48Page - STMicroelectronics L7292 Datasheet HTML 49Page - STMicroelectronics L7292 Datasheet HTML 50Page - STMicroelectronics L7292 Datasheet HTML 51Page - STMicroelectronics L7292 Datasheet HTML 52Page - STMicroelectronics L7292 Datasheet HTML 53Page - STMicroelectronics L7292 Datasheet HTML 54Page - STMicroelectronics L7292 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
DocID028601 Rev 1
51/60
L7292
PCB design rules guideline
60
13
PCB design rules guideline
13.1
Basic principles
A step-down converter reduces an incoming voltage to a lower output voltage. A switching
element, typically a bipolar or a MOSFET is switched on and off. When the switch is on, the
input supply charges the inductor and capacitor and delivers power to the load. During this
time, the magnitude of the inductor current ramps up as it flows through the loop 1.
When the MOSFET turns off, the input is disconnected from the output, and the inductor
and output capacitor support the load. The magnitude of the inductor current ramps down as
it flows through the recirculating element, following the direction indicated in the loop 2. The
recirculating element can be a diode, but recently a more efficient synchronous rectification
system is used where a second switching element takes over the function of the diode.
Figure 19. Current loops
13.2
Layout rules
A multilayer board is preferred using the top layer to contain all power routing for the
devices, and inner layer 1 as a ground return plane.
Figure 20. Layer stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com