Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9663-1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L9663-1
Description  PSI5 Transceiver IC
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663-1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L9663-1 Datasheet HTML 5Page - STMicroelectronics L9663-1 Datasheet HTML 6Page - STMicroelectronics L9663-1 Datasheet HTML 7Page - STMicroelectronics L9663-1 Datasheet HTML 8Page - STMicroelectronics L9663-1 Datasheet HTML 9Page - STMicroelectronics L9663-1 Datasheet HTML 10Page - STMicroelectronics L9663-1 Datasheet HTML 11Page - STMicroelectronics L9663-1 Datasheet HTML 12Page - STMicroelectronics L9663-1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
DocID028693 Rev 1
9/104
L9663
Overall description
103
1.3
VQFPN28 pins description
Figure 2. VQFPN28 pins connection diagram (top view)
Table 2. VQFPN28 pin-out
Pin
Name
Description
Pin type
1
SYNC1
Direct interface sync pulse trigger 1
I
local
2
DOUT1
Direct interface 1/Interrupt 1
O
local
3
CLKIN
External clock input
I
local
4
SYNC2
Direct Interface sync pulse trigger 2
I
local
5
DOUT2
Direct interface 2/Interrupt 2
O
local
6NC(1)
--
-
7
BH1
Bootstrap capacitor pin 1 or SYNC voltage supply
(from ECU), transceiver 1
I/O
local
8
BL1
Bootstrap capacitor pin 2, transceiver 1
I/O
local
9
GND1
Ground return for PSI5 interface (analog ground and
substrate ground)
supply
local
10
PSI1
PSI5 Interface 1
I/O
global
11
VAS
PSI5 Interface pre-regulated voltage supply
supply
local
12
PSI2
PSI5 Interface 2
I/O
global
13
GND2
Ground return for PSI5 interface (analog ground and
substrate ground)
supply
local
14
BL2
Bootstrap capacitor pin 2, transceiver 2
I/O
local
15
BH2
Bootstrap capacitor pin 1 or SYNC voltage supply
(from ECU), transceiver 2
I/O
local



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com