Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R5972D Datasheet(PDF) 9 Page - STMicroelectronics

Part # R5972D
Description  Up to 1.5 A step-down switching regulator for aerospace applications
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5972D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button R5972D Datasheet HTML 5Page - STMicroelectronics R5972D Datasheet HTML 6Page - STMicroelectronics R5972D Datasheet HTML 7Page - STMicroelectronics R5972D Datasheet HTML 8Page - STMicroelectronics R5972D Datasheet HTML 9Page - STMicroelectronics R5972D Datasheet HTML 10Page - STMicroelectronics R5972D Datasheet HTML 11Page - STMicroelectronics R5972D Datasheet HTML 12Page - STMicroelectronics R5972D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
DocID026873 Rev 1
9/35
R5972D
Functional description
35
5.2
Voltages monitor
An internal block continuously senses the Vcc, Vref and Vbg. If the voltages go higher than
their thresholds, the regulator begins operating. There is also a hysteresis on the VCC
(UVLO).
Figure 3. Internal circuit
5.3
Current protection
The R5972D features two types of current limit protection: pulse-by-pulse and frequency
foldback.
The schematic of the current limitation circuitry for the pulse-by-pulse protection is shown in
Figure 4. The output power PDMOS transistor is split into two parallel PDMOS transistors.
The smallest one includes a resistor in series, RSENSE. The current is sensed through
RSENSE and if it reaches the threshold, the mirror becomes unbalanced and the PDMOS is
switched off until the next falling edge of the internal clock pulse. Due to this reduction of the
ON time, the output voltage decreases. Since the minimum switch ON time necessary to
sense the current in order to avoid a false overcurrent signal is too short to obtain
a sufficiently low duty cycle at 250 kHz (see Section 8.4 on page 23), the output current in
strong overcurrent or short-circuit conditions could be not properly limited. For this reason
the switching frequency is also reduced, thus keeping the inductor current under its
maximum threshold. The frequency shifter (Figure 4) functions based on the feedback
voltage. As the feedback voltage decreases (due to the reduced duty cycle), the switching
frequency decreases also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com