Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RPC56EL60L5 Datasheet(PDF) 25 Page - STMicroelectronics

Part # RPC56EL60L5
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button RPC56EL60L5 Datasheet HTML 21Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 22Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 23Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 24Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 25Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 26Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 27Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 28Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 137 page
background image
DocID026934 Rev 1
25/137
RPC56EL60L5
Introduction
136
1.5.28
Serial communication interface module (LINFlexD)
The LINFlexD module (LINFlex with DMA support) on this device features the following:
Supports LIN Master mode, LIN Slave mode and UART mode
LIN state machine compliant to LIN1.3, 2.0, and 2.1 specifications
Manages LIN frame transmission and reception without CPU intervention
LIN features
Autonomous LIN frame handling
Message buffer to store as many as 8 data bytes
Supports messages as long as 64 bytes
Detection and flagging of LIN errors (Sync field, delimiter, ID parity, bit framing,
checksum and Time-out errors)
Classic or extended checksum calculation
Configurable break duration of up to 50-bit times
Programmable baud rate prescalers (13-bit mantissa, 4-bit fractional)
Diagnostic features (Loop back, LIN bus stuck dominant detection)
Interrupt driven operation with 16 interrupt sources
LIN slave mode features
Autonomous LIN header handling
Autonomous LIN response handling
UART mode
Full-duplex operation
Standard non return-to-zero (NRZ) mark/space format
Data buffers with 4-byte receive, 4-byte transmit
Configurable word length (8-bit, 9-bit, 16-bit, or 17-bit words)
Configurable parity scheme: none, odd, even, always 0
Speed as fast as 2 Mbit/s
Error detection and flagging (Parity, Noise and Framing errors)
Interrupt driven operation with four interrupt sources
Separate transmitter and receiver CPU interrupt sources
16-bit programmable baud-rate modulus counter and 16-bit fractional
Two receiver wake-up methods
Support for DMA enabled transfers
1.5.29
Deserial Serial Peripheral Interface (DSPI)
The DSPI modules provide a synchronous serial interface for communication between the
RPC56EL60L5 and external devices.
A DSPI module provides these features:
Full duplex, synchronous transfers
Master or slave operation
Programmable master bit rates
Programmable clock polarity and phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com