Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RT922 Datasheet(PDF) 8 Page - STMicroelectronics

Part # RT922
Description  RobuST, rail-to-rail, high output current dual operational amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RT922 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button RT922 Datasheet HTML 4Page - STMicroelectronics RT922 Datasheet HTML 5Page - STMicroelectronics RT922 Datasheet HTML 6Page - STMicroelectronics RT922 Datasheet HTML 7Page - STMicroelectronics RT922 Datasheet HTML 8Page - STMicroelectronics RT922 Datasheet HTML 9Page - STMicroelectronics RT922 Datasheet HTML 10Page - STMicroelectronics RT922 Datasheet HTML 11Page - STMicroelectronics RT922 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Electrical characteristics
RT922
8/15
DocID026924 Rev 1
Figure 11. Open loop gain and phase vs. frequency
Figure 7. THD + noise vs. frequency
(RL = 32 Ω, Vo = 2 Vpp, VCC = ± 1.5 V)
Figure 8. THD + noise vs. output voltage
(RL = 600 Ω, f = 1 kHz, VCC = 0/3 V)
0.01
0.1
1
10
100
Frequency (kHz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
RL = 32 Ω, Vo = 2 Vpp
VCC = ±1.5 V, Av = 10
0
0,2
0,4
0,6
0,8
1
1,2
0,001
0,010
0,100
1,000
10,000
Vout (Vrms)
RL = 600 Ω, f = 1 kHz
VCC = 0/3 V, Av = -1
Figure 9. THD + noise vs. output voltage
(RL = 32 Ω, f = 1 kHz, VCC = ± 1.5 V)
Figure 10. THD + noise vs. output voltage
(RL = 2 kΩ, f = 1 kHz, VCC = ± 1.5 V)
0
0.2
0.4
0.6
0.
Vout (Vrms)
0.01
0.1
1
10
RL = 32 Ω, f = 1 kHz
VCC = ±1.5 V, Av = -1
0
0.2
0.4
0.6
0.8
1
1.2
Vout (Vrms)
0.001
0.01
0.1
1
10
RL = 2 kΩ, f = 1 kHz
VCC = ±1.5 V, Av = -1
1E+2
1E+3
1E+4
1E+5
1E+6
1E+7
1E+8
Frequency (Hz)
0
10
20
30
40
50
0
60
120
180
CL = 500 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com