Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ESDALY Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALY
Description  Automotive dual Transil array for ESD protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALY Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALY Datasheet HTML 1Page - STMicroelectronics ESDALY Datasheet HTML 2Page - STMicroelectronics ESDALY Datasheet HTML 3Page - STMicroelectronics ESDALY Datasheet HTML 4Page - STMicroelectronics ESDALY Datasheet HTML 5Page - STMicroelectronics ESDALY Datasheet HTML 6Page - STMicroelectronics ESDALY Datasheet HTML 7Page - STMicroelectronics ESDALY Datasheet HTML 8Page - STMicroelectronics ESDALY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
February 2012
Doc ID 022075 Rev 1
1/10
10
ESDALY
Automotive dual Transil™ array for ESD protection
Features
■ Dual unidirectional Transil functions
■ Low leakage current: IR max. < 20 µA at VBR
■ 300 W peak pulse power (8/20 µs)
Benefits
■ High ESD protection level: up to 25 kV
■ High integration
■ Suitable for high density boards
■ AEC-Q101 qualified
Complies with the following standards
■ ISO 10605: C = 150 pF, R = 330
Ω
– 30 kV (air discharge)
– 30 kV (contact discharge)
■ ISO 10605: C = 330 pF, R = 330
Ω
– 30 kV (air discharge)
– 30 kV (contact discharge)
■ ISO 7637-2(a)
– Pulse 1: VS = -100 V
– Pulse 2a: VS = +50 V
– Pulse 3a: VS = -150 V
– Pulse 3b: VS = +100 V
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
■ Entertainment
■ Signal communications
■ Connectivity
■ Comfort and convenience
Figure 1.
Functional diagram
Description
The ESDALY is a monolithic array designed to
protect 1 line or 2 lines against ESD transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required. It can also be used as bidirectional
suppressor by connecting only pin 1 and 2.
TM: Transil is a trademark of STMicroelectronics.
a.
Not applicable to parts with stand-off voltage lower
than the average battery voltage (13.5 V)
SOT23-3L
1
2
3
1
2
3
www.st.com


Similar Part No. - ESDALY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALY STMICROELECTRONICS-ESDALY_V01 Datasheet
342Kb / 12P
Automotive dual Transil™ array for ESD protection
20-Jul-2017
More results

Similar Description - ESDALY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDAXXL STMICROELECTRONICS-ESDAXXL Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
logo
Leshan Radio Company
LESDAXXXLT1G LRC-LESDAXXXLT1G Datasheet
619Kb / 7P
Dual transil array for ESD protection
LESDA25VLT1G LRC-LESDA25VLT1G Datasheet
729Kb / 7P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
Automotive dual Transil array for ESD protection
01-Feb-2010
logo
Leshan Radio Company
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDASCY STMICROELECTRONICS-ESDASCY Datasheet
235Kb / 12P
Automotive quad Transil™ array for ESD protection
September 2012 Rev 1
ESDAL STMICROELECTRONICS-ESDAL Datasheet
201Kb / 11P
Dual Transil??array for ESD protection
July 2017 Rev 5
ESDALY STMICROELECTRONICS-ESDALY_V01 Datasheet
342Kb / 12P
Automotive dual Transil™ array for ESD protection
20-Jul-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com