Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC560D30L3 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 12Page - STMicroelectronics SPC560D30L3 Datasheet HTML 13Page - STMicroelectronics SPC560D30L3 Datasheet HTML 14Page - STMicroelectronics SPC560D30L3 Datasheet HTML 15Page - STMicroelectronics SPC560D30L3 Datasheet HTML 16Page - STMicroelectronics SPC560D30L3 Datasheet HTML 17Page - STMicroelectronics SPC560D30L3 Datasheet HTML 18Page - STMicroelectronics SPC560D30L3 Datasheet HTML 19Page - STMicroelectronics SPC560D30L3 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
Package pinouts and signal descriptions
SPC560D30x, SPC56040Dx
16/90
Doc ID 16315 Rev 7
3.6
Functional ports
The functional port pins are listed in Table 6.
EXTAL
Analog output of the oscillator amplifier
circuit, when the oscillator is not in bypass
mode.
Analog input for the clock generator when the
oscillator is in bypass mode.(1)
I/O
X
Tristate
27
36
XTAL
Analog input of the oscillator amplifier circuit.
Needs to be grounded if oscillator is used in
bypass mode.(1)
I
X
Tristate
25
34
1.
Refer to the relevant section of the device datasheet.
Table 5.
System pin descriptions (continued)
Port pin
Function
I/O
direction
Pad type
RESET
configuration
Pin number
LQFP64
LQFP100
Table 6.
Functional port pin descriptions
Port pin
PCR
Alternate
function(1)
Function
Peripheral
I/O
direction
(2)
Pad
type
Pin number
LQFP64
LQFP100
Port A
PA[0]
PCR[0]
AF0
AF1
AF2
AF3
GPIO[0]
E0UC[0]
CLKOUT
E0UC[13]
WKPU[19](3)
SIUL
eMIOS_0
CGL
eMIOS_0
WKPU
I/O
I/O
O
I/O
I
MTristate
5
12
PA[1]
PCR[1]
AF0
AF1
AF2
AF3
GPIO[1]
E0UC[1]
NMI(4)
WKPU[2](3)
SIUL
eMIOS_0
WKPU
WKPU
I/O
I/O
I
I
S
Tristate
4
7
PA[2]
PCR[2]
AF0
AF1
AF2
AF3
GPIO[2]
E0UC[2]
MA[2]
WKPU[3](3)
SIUL
eMIOS_0
ADC
WKPU
I/O
I/O
O
I
S
Tristate
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com