Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STGD10HF60KD Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGD10HF60KD
Description  Automotive-grade 10 A, 600 V, short-circuit rugged IGBT with Ultrafast diode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD10HF60KD Datasheet(HTML) 1 Page - STMicroelectronics

  STGD10HF60KD Datasheet HTML 1Page - STMicroelectronics STGD10HF60KD Datasheet HTML 2Page - STMicroelectronics STGD10HF60KD Datasheet HTML 3Page - STMicroelectronics STGD10HF60KD Datasheet HTML 4Page - STMicroelectronics STGD10HF60KD Datasheet HTML 5Page - STMicroelectronics STGD10HF60KD Datasheet HTML 6Page - STMicroelectronics STGD10HF60KD Datasheet HTML 7Page - STMicroelectronics STGD10HF60KD Datasheet HTML 8Page - STMicroelectronics STGD10HF60KD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
This is information on a product in full production.
September 2015
DocID022874 Rev 3
1/21
STGD10HF60KD
Automotive-grade 10 A, 600 V, short-circuit rugged IGBT
with Ultrafast diode
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Designed for automotive applications and
AEC-Q101 qualified
• Low on-voltage drop (VCE(sat))
• Low Cres / Cies ratio (no cross conduction
susceptibility)
• Switching losses include diode recovery
energy
• Short-circuit rated
• Very soft Ultrafast recovery anti-parallel diode
Applications
• High frequency inverters
• SMPS and PFC in both hard switch and
resonant topologies
• Motor drives
• Injection systems
Description
This device utilizes the advanced PowerMESH™
process for the IGBT and the Turbo 2 Ultrafast
high voltage technology for the diode. The
combination results in a very good trade-off
between conduction losses and switching
behavior rendering the product ideal for diverse
high voltage applications operating at high
frequencies.
DPAK
1
3
TAB
Table 1. Device summary
Order code
Marking
Package
Packaging
STGD10HF60KD
GD10HF60KD
DPAK
Tape and reel
www.st.com


Similar Part No. - STGD10HF60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGD10NC60H STMICROELECTRONICS-STGD10NC60H Datasheet
428Kb / 14P
N-channel 10A - 600V - DPAK Very fast PowerMESH??IGBT
02-Apr-2007
STGD10NC60HDT4 STMICROELECTRONICS-STGD10NC60HDT4 Datasheet
774Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGD10NC60HDT4 STMICROELECTRONICS-STGD10NC60HDT4 Datasheet
771Kb / 19P
600 V - 10 A - very fast IGBT
16-Dec-2008
STGD10NC60K STMICROELECTRONICS-STGD10NC60K Datasheet
599Kb / 17P
N-channel 600V - 10A - D2PAK / TO-220 / DPAK Short circuit rated PowerMESH TM IGBT
08-Feb-2007
STGD10NC60KD STMICROELECTRONICS-STGD10NC60KD Datasheet
467Kb / 15P
N-channel 600V - 10A - DPAK Short circuit rated PowerMESH TM IGBT
07-Feb-2007
More results

Similar Description - STGD10HF60KD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGB30NC60K STMICROELECTRONICS-STGB30NC60K Datasheet
385Kb / 15P
30 A - 600 V - short circuit rugged IGBT
07-Mar-2008
STGB8NC60KD STMICROELECTRONICS-STGB8NC60KD Datasheet
562Kb / 18P
600 V - 8 A - short circuit rugged IGBT
01-Apr-2008
STGB19NC60K STMICROELECTRONICS-STGB19NC60K Datasheet
524Kb / 15P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGB19NC60KD STMICROELECTRONICS-STGB19NC60KD Datasheet
586Kb / 17P
20 A - 600 V - short circuit rugged IGBT
28-May-2008
STGB10NC60KD STMICROELECTRONICS-STGB10NC60KD_09 Datasheet
613Kb / 20P
10 A, 600 V short-circuit rugged IGBT
24-Nov-2009
STGW40N120KD STMICROELECTRONICS-STGW40N120KD Datasheet
763Kb / 15P
40 A, 1200 V short circuit rugged IGBT with Ultrafast diode
27-Feb-2012
STGB10HF60KD STMICROELECTRONICS-STGB10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGP10HF60KD STMICROELECTRONICS-STGP10HF60KD Datasheet
477Kb / 13P
10 A - 600 V - short-circuit rugged IGBT
23-Feb-2012
STGW30N120KD STMICROELECTRONICS-STGW30N120KD_V01 Datasheet
423Kb / 15P
30 A, 1200 V short circuit rugged IGBT with Ultrafast diode
27-Feb-2012
STGF10NC60KD STMICROELECTRONICS-STGF10NC60KD_V01 Datasheet
1Mb / 30P
10 A, 600 V short-circuit rugged IGBT
06-Jun-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com