Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SDF Datasheet(PDF) 1 Page - XP Power Limited

Part # SDF
Description  Up to 600 W Peak Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDF Datasheet(HTML) 1 Page - XP Power Limited

  SDF Datasheet HTML 1Page - XP Power Limited SDF Datasheet HTML 2Page - XP Power Limited SDF Datasheet HTML 3Page - XP Power Limited SDF Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
300 Watts
3.2” x 5” Footprint
Fits 1U Applications
High Efficiency
Up to 600 W Peak Power
Single & Dual Outputs
Output Voltages from 5 V to 54 V
3 Year Warranty
SDF Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• 5.0 A at 90 VAC, 2 A at 230 VAC
Inrush Current
• Max 70 A at 230 VAC, 35 A at 115 VAC,
cold start 25 °C
Power Factor
• >0.9
Earth Leakage Current
• <1 mA at 264 VAC
Input Protection
• F5 A / 350 V internal in line fuse
Output
Output Voltage
• See table
Output Voltage Trim
• ±5% on V1 (V2 of dual output models will
track by same % of adjustment)
Initial Set Accuracy
• ±1%
Minimum Load
• 1% on single output models,
10% on both outputs of dual
output models
Start Up Delay
• 1.5 s max at 120 VAC
Start Up Rise Time
• 100 ms typical
Hold Up Time
• 16 ms min at 80% of full load, 120 VAC
Line Regulation
• ±0.5%
Load Regulation
• ±1% 1-100% load for single outputs
±3% V1, ±7% V2 for dual output models
(except 0512, ±10% on V2)
Over/Undershoot
• 5% max
Transient Response
• 5% max deviation, recovery to within
1% in 2.5 ms for a 50% load change
Ripple & Noise
• 1% pk-pk (see note 1)
Overvoltage Protection
• 105-130% Vnom on output V1,
recycle input to reset
Overtemperature
• Measured internally with auto recovery
Protection
Overload Protection
• 110-140%
Short Circuit Protection
• Trip & restart (hiccup mode), auto recovery
Remote On/Off
• Requires a low signal to inhibit output
Fan Supply
• 12 VDC, 300 mA, not available on
‘-F’, ‘-E’ or ‘-K’ versions with built-in fan
xppower.com
General
Efficiency
• Single output models: typically 87%
Dual output models: typically 82%
Isolation
• 3000 VAC Input to Output
1500 VAC Input to Ground
250 VDC Output to Ground
Switching Frequency
• 40-66 kHz PFC variable,
55 kHz - 75 kHz PWM fixed
Power Density
• 12.5 W/in3
Signals
• Power Good goes Hi 100-500 ms after
output is in regulation and goes Low at
least 1 ms before loss of regulation
MTBF
• 110 kHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• 0 °C to +70 °C, derate at 2.5%/ °C from
+50 °C to +70 °C
Storage Temperature
• -20 °C to +85 °C
Operating Humidity
• 5-90%, non-condensing
Storage Humidity
• 5-95%, non-condensing
Cooling
• ‘-F’, ‘-E’ & ‘-K’ versions have built-in fan,
others require 15 CFM to meet forced air
ratings
Operating Altitude
• 3000 m
Vibration
• 5-50 Hz, acceleration 7.35 m/s2 on
X, Y and Z axis
EMC & Safety
Emissions
• EN55022 Level B conducted & radiated
Harmonic Currents
• EN61000-3-2 class A
EN61000-3-2 class C for loads ≥20%
Voltage Flicker
• EN61000-4-2, level 3 Perf Criteria A
ESD Immunity
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria A
Conducted Immunity
• EN61000-4-6, 3V Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms, Perf Criteria A, B, B
Safety Approvals
• UL60950-1, CSA C22.2 No. 950,
EN60950-1


Similar Part No. - SDF

ManufacturerPart #DatasheetDescription
logo
TALEMA Group. LLC
SDF-0.63-1000 TALEMA-SDF-0.63-1000 Datasheet
60Kb / 3P
SD Series High Efficiency Storage Chokes
SDF-0.63-1000 TALEMA-SDF-0.63-1000 Datasheet
84Kb / 3P
High Efficiency Storage Chokes
SDF-0.63-2000 TALEMA-SDF-0.63-2000 Datasheet
60Kb / 3P
SD Series High Efficiency Storage Chokes
SDF-0.63-2000 TALEMA-SDF-0.63-2000 Datasheet
84Kb / 3P
High Efficiency Storage Chokes
SDF-0.63-2500 TALEMA-SDF-0.63-2500 Datasheet
60Kb / 3P
SD Series High Efficiency Storage Chokes
More results

Similar Description - SDF

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SDL400 XPPOWER-SDL400 Datasheet
731Kb / 4P
Single & Dual Outputs, Up to 700 W Peak Power, Fan Fail & Power Good Signals
logo
STMicroelectronics
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
logo
XP Power Limited
FCM XPPOWER-FCM Datasheet
220Kb / 2P
400 W Continuous, 600 W Peak
logo
STMicroelectronics
P010XX STMICROELECTRONICS-P010XX Datasheet
178Kb / 12P
Repetitive peak off-state voltage up to 600 V
April 2014 Rev 2
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
Up to 1600 W output power
logo
E-CMOS Corporation
P6KE E-CMOS-P6KE Datasheet
358Kb / 5P
Breakdown Voltage: 6.8 to 600 V Peak Pulse Power: 600 W
SMBJ E-CMOS-SMBJ Datasheet
969Kb / 5P
Working Voltage: 5.0 to 440 V Peak Pulse Power: 600 W
logo
SIFIRST TECHNOLOGIES NA...
SFL960 SIFIRST-SFL960 Datasheet
121Kb / 2P
600 MA peak drive capability, maximum power up to 100 W
logo
Bel Fuse Inc.
MBS400 BEL-MBS400 Datasheet
851Kb / 9P
400 W rated power (440 W peak up to 10 s)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com