Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP150NF04 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP150NF04
Description  N-channel 40 V, 0.005 Ω typ., 80 A STripFET™ 줚I Power MOSFET in a TO-220 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP150NF04 Datasheet(HTML) 3 Page - STMicroelectronics

  STP150NF04 Datasheet HTML 1Page - STMicroelectronics STP150NF04 Datasheet HTML 2Page - STMicroelectronics STP150NF04 Datasheet HTML 3Page - STMicroelectronics STP150NF04 Datasheet HTML 4Page - STMicroelectronics STP150NF04 Datasheet HTML 5Page - STMicroelectronics STP150NF04 Datasheet HTML 6Page - STMicroelectronics STP150NF04 Datasheet HTML 7Page - STMicroelectronics STP150NF04 Datasheet HTML 8Page - STMicroelectronics STP150NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STP150NF04
Electrical ratings
Doc ID 14848 Rev 3
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
40
V
VGS
Gate- source voltage
± 20
V
ID
(1)
1.
Current limited by package
Drain current (continuous) at TC = 25 °C
80
A
ID
(1)
Drain current (continuous) at TC = 100 °C
80
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
Ptot
Total dissipation at TC = 25 °C
300
W
Derating factor
2
W/°C
dv/dt (3)
3.
ISD ≤ 80A, di/dt ≤ 300 A/µs, VDD= 80%V(BR)DSS
Peak diode recovery voltage slope
2
V/ns
EAS
(4)
4.
Starting Tj = 25 °C, ID= 40 A, VDD=30 V
Single pulse avalanche energy
0.6
J
Tstg
Storage temperature
-55 to 175
°C
Tj
Max. operating junction temperature
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
0.5
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz of Cu
Thermal resistance junction-pcb max
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com