Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9959S Datasheet(PDF) 25 Page - STMicroelectronics

Part # L9959S
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959S Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L9959S Datasheet HTML 21Page - STMicroelectronics L9959S Datasheet HTML 22Page - STMicroelectronics L9959S Datasheet HTML 23Page - STMicroelectronics L9959S Datasheet HTML 24Page - STMicroelectronics L9959S Datasheet HTML 25Page - STMicroelectronics L9959S Datasheet HTML 26Page - STMicroelectronics L9959S Datasheet HTML 27Page - STMicroelectronics L9959S Datasheet HTML 28Page - STMicroelectronics L9959S Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
DocID023416 Rev 6
25/43
L9959S, L9959T
Application information
Figure 15. Current limitation
4.2.3
Temperature dependent current reduction
If the device reaches the temperature TILR, the current will be reduced (see Figure 16:
Temperature dependent current reduction). If the temperature reaches the temperature
shutdown threshold, the outputs are switched off. The current limitation information is written
into the diagnosis register 2 (DIA_REG2).
Figure 16. Temperature dependent current reduction
4.2.4
Short to battery (SCB) and short to Ground (SCG)
While the power stages are on, the current through them is monitored. If the output current
reaches the current limit IL, the output is switched off after the blanking time tb. In case the
current reaches the limit IOC during this time, a short to battery (SCB) on low-sides or a short
to ground (SCG) on high-sides is diagnosed, the affected output driver is switched off
immediately, the not affected one after the time tDF_del. In order to confirm this error, the
outputs are turned on again. Only if the error is then again detected, it is entered into the
diagnosis register (DIA_REG1) and the device is disabled. Otherwise, the event is
disregarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com