Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED1642GWTTR Datasheet(PDF) 26 Page - STMicroelectronics

Part # LED1642GWTTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWTTR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LED1642GWTTR Datasheet HTML 22Page - STMicroelectronics LED1642GWTTR Datasheet HTML 23Page - STMicroelectronics LED1642GWTTR Datasheet HTML 24Page - STMicroelectronics LED1642GWTTR Datasheet HTML 25Page - STMicroelectronics LED1642GWTTR Datasheet HTML 26Page - STMicroelectronics LED1642GWTTR Datasheet HTML 27Page - STMicroelectronics LED1642GWTTR Datasheet HTML 28Page - STMicroelectronics LED1642GWTTR Datasheet HTML 29Page - STMicroelectronics LED1642GWTTR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Configuration register
LED1642GW
26/42
DocID024395 Rev 6
Figure 21. SDO delay
8.7
Gradual output delay (CFG-14)
The gradual output delay consists of turning on gradually the current generators avoiding to
turn on all channels at the same time.
When PWM counter enables the device channels, the outputs can be turned on
simultaneously or with a progressive delay. Thanks to configuration register CFG -14 bit, the
user can decide to put a delay among outputs (10 ns from each channel to the next one,
around 150 ns between first and last channel). The typical output timing is shown in
Figure 22. This feature prevents the inrush current and reduces the bypass capacitor value.
AM13702V1
(a)
(b)
(a) Data shifted out of the SDO with the device propagation delay
(b) Data shifted out of the SDO by the falling edge of the CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com