Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LNBH26LS Datasheet(PDF) 8 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 4Page - STMicroelectronics LNBH26LS Datasheet HTML 5Page - STMicroelectronics LNBH26LS Datasheet HTML 6Page - STMicroelectronics LNBH26LS Datasheet HTML 7Page - STMicroelectronics LNBH26LS Datasheet HTML 8Page - STMicroelectronics LNBH26LS Datasheet HTML 9Page - STMicroelectronics LNBH26LS Datasheet HTML 10Page - STMicroelectronics LNBH26LS Datasheet HTML 11Page - STMicroelectronics LNBH26LS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Application information (valid for each section
A/B)
LNBH26LS
8/33
DocID025504 Rev 1
2.3
Data encoding by external DiSEqC envelope control through
the DSQIN pin
If an external DiSEqC™ envelope source is available, the internal 22 kHz generator can be
activated during the tone transmission by connecting the DiSE
qC™ envelope source to the
DSQIN pin. In this case the I²C tone control bits must be set: EXTM=0 and TEN=1. In this
manner, the internal 22 kHz signal is superimposed to the VOUT DC voltage to generate the
LNB output 22 kHz tone. During the period in which the DSQIN is kept high the internal
control circuit activates the 22 kHz tone output.
The 22 kHz tone on the VOUT pin is activated with about 6 µs delay from the DSQIN TTL
signal rising edge, and it stops with a delay time in the range from 15 µs to 60 µs after the
22 kHz TTL signal on DSQIN has expired (refer to Figure 3: "Tone enable and disable
timing (using envelope signal)").
Figure 3: Tone enable and disable timing (using envelope signal)
2.4
Output current limit selection
The linear regulator current limit threshold can be set by an external resistor connected to
the ISEL pin. The resistor value defines the output current limit as per below equation:
with ISET = 0,
where RSEL is the resistor connected between ISEL and GND expressed in kW and
ILIM(typ.) is the typical current limit threshold expressed in mA. ILIM can be set up to 750 mA
for each channel. However, do not exceed, for a long period of time, a total amount of
current of 1 A from both sections (IOUT_A + IOUT_B < 1 A) in order to avoid the
overtemperature protection triggering and to thoroughly validate the PCB layout thermal
management in real application environment conditions.
2.5
Output voltage selection
Each linear regulator channel output voltage level can be easily programmed to accomplish
application specific requirements, using 4 + 4 bits of an internal DATA1 register (see
Section 7.3: "Data registers" and Table 13: "Output voltage selection table (data1 register,
write mode)"for exact programmable values). Register writing is accessible via the I²C bus.
2.6
Diagnostic and protection functions
The LNBH26LS has 4 diagnostic internal functions provided via the I²C bus, by reading 4
bits on the STATUS1 register (in read mode). All the diagnostic bits are, in normal
operation (that is, no failure detected), set to low. One diagnostic bit is dedicated to the
overtemperature (OTF), and two bits (one per section) are dedicated to overcurrent (OLF-
I
LIM (typ)
16578
R S E L
1.206
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com