Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SDKP Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SDKP
Description  Primary voltage changeover switch replacing the SDKG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SDKP Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SDKP_15 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SDKP_15 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SDKP_15 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
171
171
SDKP 5A 250V AC Qualified Primary Input Voltage Selection Type
Primary voltage changeover switch replacing the SDKG
Product Line
Circuit
arrangement
DPDT
10+ 10
−5 N
Operating
force
Mounting
method
Right angle
Terminal
configuration
Without
With
Without
With
Turn stopper
Without
marking
Marking
variety
100
1,000
Minimum order unit(pcs.)
Japan
Export
Product No.
Drawing
No.
1
2
1
2
SDKPA40100
SDKPA40200
SDKPA40300
SDKPA40400
Travel
(mm)
6
Self-tap
(for M2.6)
Self-tap
(for M3)
No.
Style
Dimensions
Unit:mm
PC board mounting hole dimensions
(Viewed from the direction A)
Travel
42
36
28
6
1.2
Terminal No.4
Terminal No.1
9
7
9
2-ø2.2 or 2-ø2.5hole
PC board mounting face
A
1
6-ø2 hole
9
9
Travel
42
36
28
26
6
1.2
Terminal No.4
Terminal No.1
9
7
9
2-ø2.2or 2-ø2.5hole
PC board mounting face
2-ø2
A
2
6-ø2 hole
9
9
DPDT
45
6
12
3
Circuit Diagram
(Viewed from Direction A)
Ratings and Safety Standards
Items
Specifications
C-UL-US
5RA 250V AC
SEMKO
5A 250V〜
Ratings satisfying local electrical
appliance and material safety law
250V 5A2
Refer to P.176 for soldering conditions.
Packing Specifications
Tray
Number of packages(pcs.)
Export package measurements(mm)
1 case /Japan
1 case /export packing
100 
1,000
555×381×267


Similar Part No. - SDKP_15

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SDKPA40100 ALPS-SDKPA40100 Datasheet
93Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKPA40200 ALPS-SDKPA40200 Datasheet
93Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKPA40300 ALPS-SDKPA40300 Datasheet
93Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
SDKPA40400 ALPS-SDKPA40400 Datasheet
93Kb / 2P
5A 250V AC Qualified Primary Input Voltage Selection Type
More results

Similar Description - SDKP_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VIPER53DIP STMICROELECTRONICS-VIPER53DIP Datasheet
259Kb / 24P
OFF LINE PRIMARY SWITCH
Jun-2004
VIPER53EDIP-E STMICROELECTRONICS-VIPER53EDIP-E Datasheet
285Kb / 31P
OFF-line Primary Switch
12-Jan-2006
logo
celduc-relais
CD30 CELDUC-CD30 Datasheet
54Kb / 2P
REED SWITCH DRY CONTACT CHANGEOVER
CG21 CELDUC-CG21 Datasheet
409Kb / 4P
REED SWITCH DRY CONTACT CHANGEOVER
logo
National Semiconductor ...
LMH0074 NSC-LMH0074_1 Datasheet
167Kb / 6P
Replacing the CLC012 Adaptive Cable Equalizer with the LMH0074
LMH0001 NSC-LMH0001_10 Datasheet
159Kb / 4P
Replacing the CLC001 Cable Driver with the LMH0001
LMH0026 NSC-LMH0026_1 Datasheet
161Kb / 4P
Replacing the CLC016 Replacing the CLC016 reclocker in many applications
logo
Silicon Laboratories
AN731 SILABS-AN731 Datasheet
1Mb / 8P
REPLACING TRADITIONAL OPTO-DRIVERS
logo
ON Semiconductor
NCP11377 ONSEMI-NCP11377 Datasheet
562Kb / 30P
High Voltage Primary Side High Voltage Primary Side
January, 2018 ??Rev. P2
logo
Littelfuse
DRS-DTH LITTELFUSE-DRS-DTH Datasheet
317Kb / 2P
39.7mm Standard Changeover Reed Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com