Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST25TA02K Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST25TA02K
Description  NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA02K Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST25TA02K Datasheet HTML 13Page - STMicroelectronics ST25TA02K Datasheet HTML 14Page - STMicroelectronics ST25TA02K Datasheet HTML 15Page - STMicroelectronics ST25TA02K Datasheet HTML 16Page - STMicroelectronics ST25TA02K Datasheet HTML 17Page - STMicroelectronics ST25TA02K Datasheet HTML 18Page - STMicroelectronics ST25TA02K Datasheet HTML 19Page - STMicroelectronics ST25TA02K Datasheet HTML 20Page - STMicroelectronics ST25TA02K Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
DocID027801 Rev 1
17/50
ST25TA02K
ST25TA02K memory management
3.5
Read/Write counter
A 20 bits counter can track the read or write events on the NDEF file.
It benefits from an anti-tearing mechanism, that ensures the consistency of the counter,
even if there has been an electrical problem during its increment.
The value of the Read/Write counter can be checked by any application, by reading suitable
bytes in System file (see Section 3.1.4).
If enabled, the Read/Write counter will be incremented on first event (exclusively Read or
Write) which is performed on the NDEF File, inside an RF session (an RF session is entered
when ST25TA02K receives a valid "Select Application" command).
The counter is reset when it is disabled.
Apart from these procedures, there is no way to act on the value of this counter.
The Read/Write counter can be configured through a specific byte in System file (see
Section 3.1.4).
This configuration byte allows to:
•
Enable or disable this counter
•
Define if the counter must be incremented on a read or write sequence
•
Definitively lock this configuration byte
Warning:
Once this configuration byte is locked, it cannot be changed
anymore: the counter will behave accordingly.
If enabled, the Read/Write counter will have an impact on the execution time of the event
which is countered: the counter increment needs some write cycles of specific EEPROM
cells automatically managed by ST25TA02K, which increase the total time before the
response is sent to the reader.
As a consequence, an S(WTX) request can be issued on the command that will increment
the counter (see Section 5.4: S-Block format).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com