Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STL7DN6LF3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL7DN6LF3
Description  Automotive-grade dual N-channel 60 V, 35 mΩ typ., 6.5 A STripFET™ F3 Power MOSFET in PowerFLAT™ 5x6 double island
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL7DN6LF3 Datasheet(HTML) 3 Page - STMicroelectronics

  STL7DN6LF3 Datasheet HTML 1Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 2Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 3Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 4Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 5Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 6Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 7Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 8Page - STMicroelectronics STL7DN6LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID023010 Rev 4
3/18
STL7DN6LF3
Electrical ratings
18
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
ID
(1),(2)
1.
Specified by design. Not subject to production test.
2.
Current is limited by bonding, with an RthJC = 2.9 °C/W the chip is able to carry 22 A at 25 °C.
Drain current (continuous) at TC = 25 °C
20
A
ID
(1)
Drain current (continuous) at TC = 100 °C
16
A
ID
(4)
Drain current (continuous) at Tpcb = 25 °C
6.5
A
ID
(4)
Drain current (continuous) at Tpcb=100 °C
4.6
A
IDM
(3),(4)
3.
Pulse width limited by safe operating area
4.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Drain current (pulsed)
26
A
PTOT
Total dissipation at TC = 25°C
52
W
PTOT
(4)
Total dissipation at Tpcb = 25°C
4.3
W
IAV
Not-repetitive avalanche current
6.5
A
EAS
(5)
5.
Starting TJ= 25 °C, ID= 8 A, VDD= 25 V
Single pulse avalanche energy
190
mJ
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 175
°C
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.9
°C/W
Rthj-pcb
(1)
1.
When mounted on FR-4 board of 1inch², 2oz Cu, t < 10 sec
Thermal resistance junction-pcb
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com