Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPSC6H065 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STPSC6H065
Description  650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STPSC6H065 Datasheet HTML 6Page - STMicroelectronics STPSC6H065 Datasheet HTML 7Page - STMicroelectronics STPSC6H065 Datasheet HTML 8Page - STMicroelectronics STPSC6H065 Datasheet HTML 9Page - STMicroelectronics STPSC6H065 Datasheet HTML 10Page - STMicroelectronics STPSC6H065 Datasheet HTML 11Page - STMicroelectronics STPSC6H065 Datasheet HTML 12Page - STMicroelectronics STPSC6H065 Datasheet HTML 13Page - STMicroelectronics STPSC6H065 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
STPSC6H065
12/14
DocID023247 Rev 6
Figure 16. Footprint (dimensions in mm)
Table 9. D2PAK package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
0.173
0.181
A
4.40
A1
2.49
2.69
0.098
0.106
A1
2.49
A2
0.03
0.23
0.001
0.009
A2
0.03
B
0.70
0.93
0.027
0.037
B
0.70
B2
1.14
1.70
0.045
0.067
B2
1.14
C
0.45
0.60
0.017
0.024
C
0.45
C2
1.23
1.36
0.048
0.054
C2
1.23
D
8.95
9.35
0.352
0.368
D
8.95
E
10.00
10.40
0.393
0.409
E
10.00
G
4.88
5.28
0.192
0.208
G
4.88
L
15.00
15.85
0.590
0.624
L
15.00
L2
1.27
1.40
0.050
0.055
L2
1.27
L3
1.40
1.75
0.055
0.069
L3
1.40
M
2.40
3.20
0.094
0.126
M
2.40
R0.40
0.016
V2
16.90
10.30
8.90
3.70
5.08
1.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com