Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPSC16H065C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC16H065C
Description  650 V power Schottky silicon carbide diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC16H065C Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC16H065C Datasheet HTML 1Page - STMicroelectronics STPSC16H065C Datasheet HTML 2Page - STMicroelectronics STPSC16H065C Datasheet HTML 3Page - STMicroelectronics STPSC16H065C Datasheet HTML 4Page - STMicroelectronics STPSC16H065C Datasheet HTML 5Page - STMicroelectronics STPSC16H065C Datasheet HTML 6Page - STMicroelectronics STPSC16H065C Datasheet HTML 7Page - STMicroelectronics STPSC16H065C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
December 2015
DocID024810 Rev 5
1/8
STPSC16H065C
650 V power Schottky silicon carbide diode
Datasheet
- production data
Features
 No or negligible reverse recovery
 Switching behavior independent of
temperature
 High forward surge capability
 ECOPACK®2 compliant component
Description
The SiC diode is an ultrahigh performance power
Schottky diode. It is manufactured using a silicon
carbide substrate. The wide band-gap material
allows the design of a Schottky diode structure
with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimized
capacitive charge at turn-off behavior is
independent of temperature.
Especially suited for use in interleaved or bridge-
less topologies, this dual-diode rectifier will boost
the performance in hard switching conditions. Its
high forward surge capability ensures a good
robustness during transient phases.
Table 1. Device summary
Symbol
Value
IF(AV)
2 x 8 A
VRRM
650 V
Tj (max)
175 °C
www.st.com


Similar Part No. - STPSC16H065C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC16H065A STMICROELECTRONICS-STPSC16H065A Datasheet
235Kb / 9P
650 V power Schottky silicon carbide rectifier
08-Oct-2018
logo
Inchange Semiconductor ...
STPSC16H065AW ISC-STPSC16H065AW Datasheet
293Kb / 2P
SiC Schottky Diode
More results

Similar Description - STPSC16H065C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC6H065 STMICROELECTRONICS-STPSC6H065 Datasheet
218Kb / 14P
650 V power Schottky silicon carbide diode
22-Jul-2015
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
10-Dec-2015
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
650 V power Schottky silicon carbide diode
31-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com