Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD39050 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LD39050
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LD39050 Datasheet HTML 3Page - STMicroelectronics LD39050 Datasheet HTML 4Page - STMicroelectronics LD39050 Datasheet HTML 5Page - STMicroelectronics LD39050 Datasheet HTML 6Page - STMicroelectronics LD39050 Datasheet HTML 7Page - STMicroelectronics LD39050 Datasheet HTML 8Page - STMicroelectronics LD39050 Datasheet HTML 9Page - STMicroelectronics LD39050 Datasheet HTML 10Page - STMicroelectronics LD39050 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DocID15470 Rev 3
7/28
LD39050
Electrical characteristics
28
4
Electrical characteristics
TJ = 25 °C, VIN = 1.8 V, CIN = COUT = 1 µF, IOUT = 10 mA, VEN = VIN, unless otherwise
specified.
Table 5. Electrical characteristics for the LD39050 (adjustable)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIN
Operating input voltage
1.5
5.5
V
VADJ
VADJ accuracy
IOUT = 10 mA, TJ = 25 °C
784
800
816
mV
IOUT = 10 mA, -40 °C < TJ < 125 °C
776
800
824
IADJ
Adjustable pin current
1
µA
ΔVOUT Static line regulation
VOUT +1 V ≤ VIN ≤ 5.5 V,
IOUT = 1 mA
0.01
%/V
ΔVOUT Transient line regulation(1)
ΔVIN = 500 mV, IOUT = 10 mA,
tR = 5 µs
10
mVpp
ΔVIN = 500 mV, IOUT = 10 mA,
tF = 5 µs
10
ΔVOUT Static load regulation
IOUT = 10 mA to 500 mA
0.002
%/mA
ΔVOUT Transient load regulation(1)
IOUT = 10 mA to 500 mA, tR = 5 µs
40
mVpp
IOUT = 10 mA to 500 mA, tF = 5 µs
40
VDROP Dropout voltage
(2)
IO = 500 mA, VOUT fixed to 1.5 V
40 °C < TJ < 125 °C
200
400
mV
eN
Output noise voltage
10 Hz to 100 kHz, IOUT = 100 mA,
VOUT = 0.8 V
30
µVRMS
SVR
Supply voltage rejection
VOUT = 0.8 V
VIN = 1.8 V+/-VRIPPLE
VRIPPLE = 0.25 V,
frequency = 1 kHz
IOUT = 10 mA
65
dB
VIN = 1.8 V+/-VRIPPLE
VRIPPLE = 0.25 V,
frequency =10 kHz
IOUT = 100 mA
62
IQ
Quiescent current
IOUT = 0 mA
20
µA
IOUT = 0 mA, -40 °C < TJ < 125 °C
50
IOUT = 0 to 500 mA
100
IOUT = 0 to 500 mA,
-40 °C<TJ<125 °C
200
VIN input current in OFF mode:
VEN = GND
(3)
0.001
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com