Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISO7220CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220CD
Description  Dual Channel Digital Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7220CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7220CD Datasheet HTML 3Page - Texas Instruments ISO7220CD Datasheet HTML 4Page - Texas Instruments ISO7220CD Datasheet HTML 5Page - Texas Instruments ISO7220CD Datasheet HTML 6Page - Texas Instruments ISO7220CD Datasheet HTML 7Page - Texas Instruments ISO7220CD Datasheet HTML 8Page - Texas Instruments ISO7220CD Datasheet HTML 9Page - Texas Instruments ISO7220CD Datasheet HTML 10Page - Texas Instruments ISO7220CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
www.ti.com
SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
ISO722xA, ISO722xB, ISO722xM
3
5.5
VCC
Supply voltage(1), VCC1, VCC2
V
ISO722xC
2.8
5.5
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
ISO722xA
1
0.67
μs
ISO722xB
200
100
tui
Input pulse width(2)
ISO722xC
40
33
ns
ISO722xM
6.67
5
ISO722xA
0
1500
1000
kbps
ISO722xB
0
10
5
1/tui
Signaling rate(2)
ISO722xC
0
30
25
Mbps
ISO722xM
0
200
150
VIH
High-level input voltage
2
5.5
V
ISO722xA, ISO722xB, ISO722xC
VIL
Low-level input voltage
0
0.8
V
VIH
High-level input voltage
0.7 VCC
VCC
V
ISO722xM
VIL
Low-level input voltage
0
0.3 VCC
V
TJ
Junction temperature
–40
150
°C
H
External magnetic field-strength immunity per IEC 61000-4-8 and IEC 61000-4-9 certification
1000
A/m
(1)
For the 5-V operation, VCC1 or VCC2 is specified from 4.5 V to 5.5 V.
For the 3.3-V operation, VCC1 or VCC2 is specified from 3 V to 3.6 V.
For the 2.8-V operation, VCC1 or VCC2 is specified at 2.8 V.
(2)
Typical signaling rate and Input pulse width are measured at ideal conditions at 25°C.
6.4 Thermal Information
ISO7220x
ISO7221x
THERMAL METRIC(1)
UNIT
D (SOIC)
8 PINS
Low-K Thermal Resistance(2)
212
RθJA
Junction-to-ambient thermal resistance
°C/W
High-K Thermal Resistance
122
RθJC(top)
Junction-to-case (top) thermal resistance
69.1
°C/W
RθJB
Junction-to-board thermal resistance
47.7
°C/W
ψJT
Junction-to-top characterization parameter
15.2
°C/W
ψJB
Junction-to-board characterization parameter
47.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
(2)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface mount packages.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com