Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP1 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # MP1
Description  Multimedia Platform
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MP1 Datasheet(HTML) 2 Page - Infineon Technologies AG

  MP1 Datasheet HTML 1Page - Infineon Technologies AG MP1 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Published by Infineon Technologies AG
Pr oduct Brief
How to reach us:
http://www.infineon.com
Published by
Infineon Technologies AG,
St.-Martin-Strasse 53,
D-81669 München
© Infineon Technologies AG 2004.
All Rights Reserved.
Template: pb_tmplt.fm/4/2004-01-01
Attention please!
The information herein is given to describe certain components
and shall not be considered as a guarantee of characteristics.
Terms of delivery and rights to technical change reserved.
We hereby disclaim any and all warranties, including but not
limited to warranties of non-infringement, regarding circuits,
descriptions and charts stated herein.
Information
For further information on technology, delivery terms
and conditions and prices please contact your nearest
Infineon Technologies Office.
Warnings
Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact
your nearest Infineon Technologies Office.
Infineon Technologies Components may only be used in life-
support devices or systems with the express written approval of
Infineon Technologies, if a failure of such components can reason-
ably be expected to cause the failure of that life-support device or
system, or to affect the safety or effectiveness of that device or sys-
tem. Life support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and sustain
and/or protect human life. If they fail, it is reasonable to assume
that the health of the user or other persons may be endangered.
Ordering No. B134-H8364-X-0-7600
Printed in Germany
PS 0104.8
NB
MP1 B a s i c C o nfigur ation
Modem
■
GSM/GPRS Quadband
■
RF Band: 850/900/1800/1900 MHz
■
GPRS class 10 CS 1..4
■
Codecs: HR, FR, EFR, AMR
■
Protocol Stack GPRS Rel 99
Supported Applications
■
WAP 2.1
■
Java MIDP 2.0
■
MMS Rel 1.4 (OMA conf. doc 2.0)
■
Sync ML 1.1
■
Polyphone Ringer: 32 voices
■
Video player
Connectivity
■
IrDA
■
USB 2.0 (OTG, full speed)
■
Bluetooth
■
Camera support
UM T S /EDGE Option
The UMTS option includes all features of the basic configuration plus:
■
RF 3G Band UMTS FDD
Uplink 1920-1980 MHz
Downlink 2110- 2170 MHz
■
Data
384 kbit/s UL/DL PS UMTS
64 kbit/s UL/DL CS UMTS
EGPRS class 10, MCS 1..9
■
Stack
Dual Mode Type II UE
3GPP Rel99 March 03
■
3GPP Video conferencing, streaming
■
Video recording (MP4)
■
Video playback (MP4)
■
Camera support up to 2 MPix
■
Support of high-definition displays
Enh a nc ed Mu ltimedia Option
The enhanced multimedia option includes all features of the basic configuration plus:
■
Video recording (MP4)
■
Video playback (MP4)
■
Camera support up to 2 MPix
■
Video streaming
■
Support of high-definition displays
A-GP S Option
The A-GPS option includes all features of the basic configuration plus:
■
True indoor capability for global localizations
■
Rapid times to first fix
■
Leading low power requirements
■
Continuous navigation capabilities
■
Standards compliant using RRLP
■
End to End solution including aiding data service
APOXI
TM Applic ation Fr amew ork
The APOXI
TM Application Framework enables advanced graphic capabilities and includes
■
A platform independent, easily reusable environment for rapid development and cost efficient solutions.
■
A powerful reference MMI with a broad range of pre-integrated reference applications
■
An open API to enable unlimited 3rd party applications
■
APIs for SIM, NVRAM, Flash, Display, Audio, Video, Real Time Operating Systems and the TCP/UDP family
■
An object-oriented framework, ideal for developing customized “Look & Feel” MMIs & applications
■
Support for Java, camera, and a broad range of advanced multimedia codecs
■
An innovative roadmap of advanced applications provided by a leading developer network



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com