Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPSC12H065C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC12H065C
Description  650 V power Schottky silicon carbide diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12H065C Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC12H065C Datasheet HTML 1Page - STMicroelectronics STPSC12H065C Datasheet HTML 2Page - STMicroelectronics STPSC12H065C Datasheet HTML 3Page - STMicroelectronics STPSC12H065C Datasheet HTML 4Page - STMicroelectronics STPSC12H065C Datasheet HTML 5Page - STMicroelectronics STPSC12H065C Datasheet HTML 6Page - STMicroelectronics STPSC12H065C Datasheet HTML 7Page - STMicroelectronics STPSC12H065C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID024809 Rev 3
3/8
STPSC12H065C
Characteristics
8
Table 5. Dynamic electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Typ.
Unit
Qcj
(1)
Total capacitive charge
VR = 400 V
18
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
300
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
30
1.
Most accurate value for the capacitive charge:
Figure 1. Forward voltage drop versus forward
current (typical values, low level, per diode)
Figure 2. Forward voltage drop versus forward
current (typical values, high level, per diode)
Figure 3. Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
Figure 4. Peak forward current versus case
temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com