Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TD35 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TD35
Description  Advanced IGBT/MOSFET driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TD35 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TD35 Datasheet HTML 4Page - STMicroelectronics TD35 Datasheet HTML 5Page - STMicroelectronics TD35 Datasheet HTML 6Page - STMicroelectronics TD35 Datasheet HTML 7Page - STMicroelectronics TD35 Datasheet HTML 8Page - STMicroelectronics TD35 Datasheet HTML 9Page - STMicroelectronics TD35 Datasheet HTML 10Page - STMicroelectronics TD35 Datasheet HTML 11Page - STMicroelectronics TD35 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Functional description
TD351
8/19
Doc ID 10977 Rev 2
5
Functional description
5.1
Input stage
The TD351 input is compatible with optocouplers or pulse transformers. The input is
triggered by the signal edge and allows the use of low-sized, low-cost pulse transformers.
Input is active low and output is driven high when input is driven low. The IN input is
internally clamped at about 5 V to 7 V. When using an open collector optocoupler, the
resistive pull-up resistor can be connected to either VREF or VH. Recommended pull-up
resistor value with VH = 16 V is from 4.7 k
Ω to 22 kΩ. When driven by a pulse transformer,
the input positive and negative pulse widths at the Vton and Vtoff threshold voltages must be
larger than the minimum pulse width tonmin (see Figure 6). This feature acts as a filter
against invalid input pulses smaller than tonmin.
5.2
Voltage reference
A voltage reference is used to create accurate timing for the turn-on delay with external
resistor and capacitor. The same circuitry is also used for the two-level turn-off delay. A
decoupling capacitor (10 nF to 100 nF) on the VREF pin is required to ensure good noise
rejection.
5.3
Active Miller clamp
The TD351 offers an alternative solution to the problem of Miller current in IGBT switching
applications. Instead of driving the IGBT gate to a negative voltage to increase the safety
margin, the TD351 uses a dedicated CLAMP pin to control the Miller current. When the
IGBT is off, a low impedance path is established between the IGBT gate and emitter to carry
the Miller current, and the voltage spike on the IGBT gate is greatly reduced. During turn-off,
the gate voltage is monitored and the clamp output is activated when the gate voltage goes
below 2 V (relative to VL). The clamp voltage is VL+4V max for a Miller current up to 500
mA. The clamp is disabled when the IN input is triggered again.
The CLAMP function does not affect the turn-off characteristic, but only keeps the gate at
low level throughout the OFF-time. The main benefit is that negative voltage can be avoided
in many cases, allowing a bootstrap technique for the high side driver supply.
5.4
Two-level turn-off
During turn-off, the gate voltage can be reduced to a programmable level in order to reduce
the IGBT current (in the event of overcurrent). This action prevents both dangerous
overvoltages across the IGBT and RBSOA problems, especially at short-circuit turn-off.
The turn-off (Ta) delay is programmable through external resistor Rd and capacitor Cd for
accurate timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com