Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VNH7070ASTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNH7070ASTR
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070ASTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNH7070ASTR Datasheet HTML 6Page - STMicroelectronics VNH7070ASTR Datasheet HTML 7Page - STMicroelectronics VNH7070ASTR Datasheet HTML 8Page - STMicroelectronics VNH7070ASTR Datasheet HTML 9Page - STMicroelectronics VNH7070ASTR Datasheet HTML 10Page - STMicroelectronics VNH7070ASTR Datasheet HTML 11Page - STMicroelectronics VNH7070ASTR Datasheet HTML 12Page - STMicroelectronics VNH7070ASTR Datasheet HTML 13Page - STMicroelectronics VNH7070ASTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Electrical specifications
VNH7070AS
10/38
DocID028088 Rev 3
Table 7. Logic inputs (INA, INB) (VCC =7 V up to 28 V; -40°C < Tj <150 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
VIH
Input high level voltage
2.1
V
VIHYST
Input hysteresis voltage
0.2
V
VICL
Input clamp voltage
IIN =1 mA
5.3
7.2
V
IIN =-1 mA
-0.7
V
IINL
Input current
VIN =0.9 V
1
µA
IINH
Input current
VIN =2.1 V
10
µA
SEL0 (VCC = 7 V up to 18 V; -40°C < Tj < 150°C)
VSELL
Input low level voltage
0.9
V
ISELL
Low level input current
VSEL =0.9 V
1
µA
VSELH
Input high level voltage
2.1
V
ISELH
High level input current
VSEL =2.1 V
10
µA
VSEL(hyst)
Input hysteresis voltage
0.2
V
VSELCL
Input clamp voltage
ISEL =1mA
5.3
7.5
V
ISEL =-1mA
-0.7
V
PWM (VCC= 7 V up to 28 V; -40°C < Tj < 150°C)
VPWM
Input low level voltage
0.9
V
IPWM
Low level input current
VPMW =0.9 V
1
µA
VPWM
Input high level voltage
2.1
V
IPWMH
High level input current
VPMW =2.1 V
10
µA
VPWM(hyst) Input hysteresis voltage
0.2
V
VPMWCL
Input clamp voltage
IPMW =1 mA
5.3
7.2
V
IPMW =-1 mA
-0.7
V
Table 8. Switching (VCC =13 V, RLOAD =3.7 Ω)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
f
PWM frequency
0
20
kHz
td(on)
Turn-on delay time
Input rise time < 1µs
(see Figure 6)
25
µs
td(off)
Turn-off delay time
Input rise time < 1µs
(see Figure 6)
15
µs
tr
Rise time
See Figure 5
0.7
2
µs
tf
Fall time
See Figure 5
0.2
2
µs
tcross
Low-side turn-on delay
time
Input rise time < 1 µs (see
Figure 7)
40
140
350
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com