Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE1420M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE1420M
Description  N-Channel 20-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1420M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE1420M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE1420M
N-Channel 20-V MOSFET
VER 1.1
1
Description
The ACE1420M uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This
device is suitable for use as a load switch or in PWM applications. The source leads are separated to
allow a Kelvin connection to the source, which may be used to bypass the source inductance.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications
• Power Routing
• Li Ion Battery Packs
• Level Shifting and Driver Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous
Drain Current
a
TA=25℃
ID
15
A
TA=70℃
11.9
Pulsed Drain Current
b
IDM
60
A
Continuous Source Current (Diode Conduction)
a
IS
2.9
A
Power Dissipation
a
TA=25℃
PD
3
W
TA=70℃
1.9
Operating temperature / storage temperature
TJ/TSTG -55~150
℃
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
40
°C/W
Steady State
90
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature


Similar Part No. - ACE1420M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14201B ACE-ACE14201B Datasheet
752Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201T ACE-ACE14201T Datasheet
522Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE1420M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0205A VISHAY-TN0205A Datasheet
33Kb / 4P
N-Channel 20-V MOSFET
16-Jul-01
TN0201K VISHAY-TN0201K Datasheet
178Kb / 3P
N-Channel 20-V MOSFET
14-Jun-04
TN0205A-T1 VISHAY-TN0205A-T1 Datasheet
46Kb / 5P
N-Channel 20-V MOSFET
16-Jul-01
logo
NXP Semiconductors
PMZ600UNE PHILIPS-PMZ600UNE_15 Datasheet
240Kb / 15P
20 V, N-channel Trench MOSFET
26 June 2014
logo
Vishay Telefunken
SI4204DY TFUNK-SI4204DY Datasheet
263Kb / 10P
Dual N-Channel 20 V MOSFET
logo
ACE Technology Co., LTD...
ACE2302M ACE-ACE2302M Datasheet
460Kb / 7P
N-Channel 20-V MOSFET
VER 1.1
ACE2320M ACE-ACE2320M Datasheet
486Kb / 7P
N-Channel 20-V MOSFET
VER 1.1
logo
NXP Semiconductors
PMZ130UNE NXP-PMZ130UNE Datasheet
233Kb / 14P
20 V, N-channel Trench MOSFET
12 March 2015
logo
Nexperia B.V. All right...
PMN16XNE NEXPERIA-PMN16XNE Datasheet
737Kb / 16P
20 V, N-channel Trench MOSFET
PMPB20XNEA NEXPERIA-PMPB20XNEA Datasheet
739Kb / 16P
20 V, N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com