Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE2308E Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE2308E
Description  N-Channel 30-V MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE2308E Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE2308E Datasheet HTML 1Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 2Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 3Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 4Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 5Page - ACE Technology Co., LTD. ACE2308E Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE2308E
N-Channel 30-V MOSFET
VER 1.1
2
Ordering information
ACE2308EBM + H
Electrical Characteristics
(TA=25℃, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
0.4
V
Gate-Body Leakage
VGS(th)
VDS = 0 V, VGS = ±12 V
±10
uA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
1
uA
VDS = 16 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current a
ID(on)
VDS = 5 V, VGS = 4.5 V
5
A
Drain-Source On-Resistance a
rDS(on)
VGS = 4.5 V, ID = 3 A
60
m
Ω
VGS = 2.5 V, ID = 2.4 A
82
Forward Transconductance a
gfs
VDS = 15 V, ID = 2.8 A
12
S
Diode Forward Voltage a
VSD
IS = 1 A, VGS = 0 V
0.69
V
Dynamic b
Total Gate Charge
Qg
VDS = 15 V, VGS = 4.5 V, ID = 3 A
6
nC
Gate-Source Charge
Qgs
1.0
Gate-Drain Charge
Qgd
2.0
Turn-On Delay Time
td(on)
VDS = 15 V, RL
= 3.6 Ω, I
D = 3 A, VGEN =
4.5 V, RGEN
= 6 Ω
8
nS
Rise Time
tr
21
Turn-Off Delay Time
td(off)*
48
Fall Time
tf
26
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
417
pF
Output Capacitance
Coss
77
Reverse Transfer Capacitance
Crss
68
Notes
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.
BM : SOT-23-3
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com