Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE5212A Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE5212A
Description  N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE5212A Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE5212A Datasheet HTML 1Page - ACE Technology Co., LTD. ACE5212A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE5212A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE5212A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE5212A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE5212A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE5212A Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE5212A
N-Channel Enhancement Mode MOSFET
VER 1.1
1
Description
The ACE5212A is the N-Channel enhancement mode power field effect transistors are produced using
high cell density, DMOS trench technology.
This high density process is especially tailored to minimize on-state resistance and provide superior
switching performance.
These devices are particularly suited for low voltage applications such as notebook computer power
management and other battery powered circuits where high-side switching, low in-line power loss, and
resistance to transients are needed.
Features
• 20V/0.65A, R
DS(ON)=380
mΩ@VGS=4.5V
• 20V/0.55A,R
DS(ON)=450mΩ@VGS=2.5V
• 20V/0.45A, R
DS(ON) =800mΩ@VGS=1.8V
• Super high density cell design for extremely low R
DS (ON)
• Exceptional on-resistance and maximum DC current capability
Application
• Drivers : Relays/Solenoids/Lamps/Hammers
• Power Supply Converter Circuits
• Load/Power Switching Cell Phones, Pagers


Similar Part No. - ACE5212A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE521 ACE-ACE521 Datasheet
680Kb / 10P
250mA CMOS Low consumption Linear Regulator
VER 1.4
ACE5213A ACE-ACE5213A Datasheet
495Kb / 6P
P-Channel Enhancement Mode MOSFET
VER 1.1
More results

Similar Description - ACE5212A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com