Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CGH40120F Datasheet(PDF) 2 Page - Cree, Inc

Part # CGH40120F
Description  120 W, RF Power GaN HEMT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40120F Datasheet(HTML) 2 Page - Cree, Inc

  CGH40120F Datasheet HTML 1Page - Cree, Inc CGH40120F Datasheet HTML 2Page - Cree, Inc CGH40120F Datasheet HTML 3Page - Cree, Inc CGH40120F Datasheet HTML 4Page - Cree, Inc CGH40120F Datasheet HTML 5Page - Cree, Inc CGH40120F Datasheet HTML 6Page - Cree, Inc CGH40120F Datasheet HTML 7Page - Cree, Inc CGH40120F Datasheet HTML 8Page - Cree, Inc CGH40120F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
CGH40120F Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Absolute Maximum Ratings (not simultaneous) at 25˚C Case Temperature
Parameter
Symbol
Rating
Units
Conditions
Drain-Source Voltage
V
DSS
84
Volts
25˚C
Gate-to-Source Voltage
V
GS
-10, +2
Volts
25˚C
Storage Temperature
T
STG
-65, +150
˚C
Operating Junction Temperature
T
J
225
˚C
Maximum Forward Gate Current
I
GMAX
30
mA
25˚C
Maximum Drain Current1
I
DMAX
12
A
25˚C
Soldering Temperature2
T
S
245
˚C
Screw Torque
τ
80
in-oz
Thermal Resistance, Junction to Case3
R
θ
JC
1.39
˚C/W
85˚C
Case Operating Temperature3,4
T
C
-40, +150
˚C
Note:
1
Current limit for long term, reliable operation
2
Refer to the Application Note on soldering at www.cree.com/RF/Document-Library
3
Measured for the CGH40120F at P
DISS = 115 W.
4
See also, the Power Dissipation De-rating Curve on Page 7.
Electrical Characteristics (T
C = 25˚C)
Characteristics
Symbol
Min.
Typ.
Max.
Units
Conditions
DC Characteristics1
Gate Threshold Voltage
V
GS(th)
-3.8
-3.0
-2.3
V
DC
V
DS = 10 V, ID = 28.8 mA
Gate Quiescent Voltage
V
GS(Q)
-2.7
V
DC
V
DS = 28 V, ID = 1.0 A
Saturated Drain Current2
I
DS
23.2
28.0
A
V
DS = 6.0 V, VGS = 2.0 V
Drain-Source Breakdown Voltage
V
BR
120
V
DC
V
GS = -8 V, ID = 28.8 mA
RF Characteristics3 (T
C = 25˚C, F0 = 1.3 GHz unless otherwise noted)
Small Signal Gain
G
SS
17.5
19
dB
V
DD = 28 V, IDQ = 1.0 A
Power Output4
P
SAT
100
120
W
V
DD = 28 V, IDQ = 1.0 A
Drain Efficiency5
η
55
70
%
V
DD = 28 V, IDQ = 1.0 A, POUT = PSAT
Output Mismatch Stress
VSWR
10 : 1
Y
No damage at all phase angles,
V
DD = 28 V, IDQ = 1.0 A,
P
OUT = 100 W CW
Dynamic Characteristics
Input Capacitance
C
GS
35.3
pF
V
DS = 28 V, Vgs = -8 V, f = 1 MHz
Output Capacitance
C
DS
9.1
pF
V
DS = 28 V, Vgs = -8 V, f = 1 MHz
Feedback Capacitance
C
GD
1.6
pF
V
DS = 28 V, Vgs = -8 V, f = 1 MHz
Notes:
1
Measured on wafer prior to packaging.
2
Scaled from PCM data.
3
Measured in CGH40120F-AMP
4
P
SAT is defined as IG = 2.8 mA.
5
Drain Efficiency = P
OUT / PDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com