Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPD07N60C2 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SPD07N60C2
Description  Cool MOS??Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD07N60C2 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SPD07N60C2 Datasheet HTML 3Page - Infineon Technologies AG SPD07N60C2 Datasheet HTML 4Page - Infineon Technologies AG SPD07N60C2 Datasheet HTML 5Page - Infineon Technologies AG SPD07N60C2 Datasheet HTML 6Page - Infineon Technologies AG SPD07N60C2 Datasheet HTML 7Page - Infineon Technologies AG SPD07N60C2 Datasheet HTML 8Page - Infineon Technologies AG SPD07N60C2 Datasheet HTML 9Page - Infineon Technologies AG SPD07N60C2 Datasheet HTML 10Page - Infineon Technologies AG SPD07N60C2 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
2002-10-07
Page 9
SPD07N60C2
SPU07N60C2
Final data
17 Typ. capacitances
C = f (VDS)
parameter: VGS=0V, f=1 MHz
0
100
200
300
400
V
600
VDS
0
10
1
10
2
10
3
10
4
10
pF
Ciss
Coss
Crss
18 Typ. Coss stored energy
Eoss=f(VDS)
0
100
200
300
400
V
600
VDS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
µJ
5.5
Definition of diodes switching characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com