Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GS6151 Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS6151
Description  Multi-Rate 6G UHD-SDI
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS6151 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS6151 Datasheet HTML 6Page - Semtech Corporation GS6151 Datasheet HTML 7Page - Semtech Corporation GS6151 Datasheet HTML 8Page - Semtech Corporation GS6151 Datasheet HTML 9Page - Semtech Corporation GS6151 Datasheet HTML 10Page - Semtech Corporation GS6151 Datasheet HTML 11Page - Semtech Corporation GS6151 Datasheet HTML 12Page - Semtech Corporation GS6151 Datasheet HTML 13Page - Semtech Corporation GS6151 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
GS6151
Final Data Sheet
Rev.4
PDS-060389
August 2015
10 of 77
Semtech
Proprietary & Confidential
www.semtech.com
Supply Current - Core
ICC_CORE
Output De-emphasis
Disabled
Data Rate 6G
—82
mA
8
Output De-emphasis
Disabled
Data Rate 3G
—74
mA
8
Output De-emphasis Enabled
Data Rate 6G
—90
mA
8
Output De-emphasis Enabled
Data Rate 3G
—81
mA
8
Supply Current - Digital
ICC_DIG
External Crystal Referenced
7
12
mA
Serial Input Termination
Differential
75
100
125
Ω
Serial Output Termination
Differential
75
100
125
Ω
Serial Input Common
Mode Voltage
VCMIN
—0.9
VCC_CORE
- 50mV
V
9, 10
Input Voltage - Digital
Pins
(CS, SDIN, CLK, GPIO[0:1])
VIH
0.65*
VDD_DIG
VDD_DIG
V
VIL
—0
0.35*
VDD_DIG
V
Output Voltage - Digital
Pins
(SDOUT, GPIO[0:1])
VOH
IOH = -2mA
VDD_DIG
– 0.45
——
V
VOL
IOL = 2mA
——
0.45
V
Notes:
1. Normal operation in referenceless mode, minimum output swing with de-emphasis disabled
2. VCC_DDO0/1 = 1.2V
3. The swing is default and de-emphasis is on
4. VCC_DDO0/1 = 1.8V
5. DDO0/DDO0 and DDO1/DDO1 set to maximum swing setting, external crystal reference used
6. Consumption per enabled DDO output
7. Refer to Table 4-4 for the exact register settings for each
ΔV
DDO output swing listed
8. For two enabled outputs
9. Maximum input voltage level = 1.8V ± 5%
10. Up to a maximum swing of 800mV
Table 2-2: DC Electrical Characteristics (Continued)
VCC_CORE, VDD_DIG = +1.8V ± 5%, TA= –40ºC to +85ºC unless otherwise specified
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com