Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LR6 Datasheet(PDF) 2 Page - Cree, Inc

Part # LR6
Description  LED Downlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LR6 Datasheet(HTML) 2 Page - Cree, Inc

  LR6 Datasheet HTML 1Page - Cree, Inc LR6 Datasheet HTML 2Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2014 Cree, Inc. and/or one of its subsidiaries. All rights reserved. For informational purposes only.
Content is subject to change. See www.cree.com/patents for patents that cover these products.
Cree®, the Cree logo, Cree TrueWhite®, TrueWhite®, and the Cree TrueWhite Technology logo are
registered trademarks, and LR6™ and the Quick Ship Logo are trademarks of Cree, Inc. and/or one
of its subsidiaries.
T
(800) 236-6800 F (262) 504-5415
US: www.cree.com/lighting
T
(800) 473-1234 F (800) 890-7507
Canada: www.cree.com/canada
Photometry
LR6 LIGHTING SCIENCES INC. CERTIFIED TEST #: 22226
20
70
140
210
280
90
60
40
Intensity (Candlepower) Summary
Angle
Mean CP
249
248
15°
242
25°
228
35°
203
45°
165
55°
115
65°
62
75°
24
85°
6
90°
0
Zonal Lumen Summary
Zone
Lumens
% Lamp
% Fix
0-30
197
30.39%
30.39%
0-40
325
49.94%
49.94%
0-60
556
85.35%
85.35%
0-90
650
100%
100%
Reference www.cree.com/lighting for detailed
photometric data.
Open Space
Spacing
Lumens
Wattage
LPW
w/ft2
Average FC
4 x 4
650
10.5
62
0.60
38
6 x 6
0.28
18
8 x 8
0.15
9
10 x 10
0.10
6
10' Ceiling, 80/50/20 Reflectances, 2.5 workplane
LLF: 1.0 Initial. Open Space: 50' x 40' x 10'
Corridor
Spacing
Lumens
Wattage
LPW
w/ft2
Average FC
4' on Center
650
10.5
62
0.40
12
6' on Center
0.27
8
8' on Center
0.20
6
10' on Center
0.17
5
10' Ceiling, 80/50/20 Reflectances, Light levels on the ground
LLF: 1.0 Initial. Corridor: 6' Wide x 100' Long
Installation
• Designed to easily install in standard 6" downlight
housings from Cree and other manufacturers.*
• Quick install system utilizes a unique retention
feature. Simply attach socket to LR6. Move light to
ready position and slide into housing.
NOTE:
Reference www.cree.com/lighting for detailed installation
instructions
*Reference www.cree.com/lighting for a list of compatible housings
Application Reference
LR6™
Product Specifications
CREE TRUEWHITE® TECHNOLOGY
A revolutionary way to generate high-quality white light, Cree TrueWhite® Technology is a patented
approach that delivers an exclusive combination of 90+ CRI, beautiful light characteristics, and lifelong
color consistency, all while maintaining high luminous efficacy - a true no compromise solution.
CONSTRUCTION & MATERIALS
• Durable die-cast aluminum housing protects LEDs, driver and power supply. Adjustable flip
clips resist heat while providing retention for
flush ceiling fit
• Thermal management system uses integral heat sink to conduct heat away from LEDs and
transfer it to the plenum space for optimal performance. LED junction temperatures stay
below specified maximum even when installed in attic insulation with ambient temperatures
exceeding 60˚C
• Suitable for insulated and non-insulated ceilings
• One-piece aluminum lower reflector redirects light while also conducting heat away from LEDs.
It creates a comfortable visual transition from the lens to the ceiling plane and easily accom-
modates LT6 snap-in trims
OPTICAL SYSTEM
• Unique combination of reflective and refractive optical components achieves a uniform,
comfortable appearance while eliminating pixelation and color fringing. This ensures smooth
light patterns are projected with no hot spots and minimal striations.
• Components work together to optimize distribution, balancing the delivery of high illuminance
levels on horizontal surfaces with an ideal amount of light on walls and vertical surfaces. This
increases the perception of spaciousness
• Diffusing lens shields direct view of LEDs while lower reflector balances brightness of lens with
the ceiling to create a low-glare high angle appearance
ELECTRICAL SYSTEM
• Integral, high-efficiency driver and power supply
• Power Factor:
> 0.9
• Input Voltage:
120V, 60Hz
• Dimming
: Dimmable to 20% with most incandescent dimmers*
REGULATORY & VOLUNTARY QUALIFICATIONS
• ENERGY STAR® qualified
• cULus Listed
• Exceeds California Title-24 high efficacy luminaire requirements
• Suitable for wet locations
* Reference www.cree.com/lighting for recommended dimmers



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com