Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC4808BIMSTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC4808BIMSTRT
Description  High Performance Dual Ended PWM Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4808BIMSTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC4808BIMSTRT Datasheet HTML 11Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 12Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 13Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 14Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 15Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 16Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 17Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 18Page - Semtech Corporation SC4808BIMSTRT Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15
 2005 Semtech Corp.
www.semtech.com
SC4808A/B
POWER MANAGEMENT
SYNC/Bi-Phase operation
In noise sensitive applications where synchronization of
the oscillator frequency to a reference frequency is required,
the SYNC pin can accept the external clock. By connecting
an external control signal to the SYNC pin, the internal os-
cillator frequency will be synchronized to the positive edge
of the external control signal. SYNC is a positive edge trig-
gered input with a threshold set to 1.6V (SC4808A), and
1.0V (SC4808B).
In a single controller operation, SYNC should be grounded
or connected to an external synchronization clock within
the SYNC frequency range (see page 3).
U2
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
Cosc1
U1
SC4808
4
5
3
2
10
1
6
7
8
9
FB
REF
CS
RC
LUVLO
SYNC
GND
OUTB
OUTA
VCC
REF
Rosc2
REF
Rosc1
Cosc2
In the Bi-phase operation mode a very unique oscillator
is utilized to allow two SC4808’s to be synchronized
together and work out of phase. This feature is set up by
a simple connection of the SYNC input to the RC pin of
the other part. The fastest oscillator automatically
becomes the master, forcing the two PWMs to operate
out of phase. This feature minimizes the input and
output ripples, and reduces stress on the capacitors.
Application Information (Cont.)
FEED BACK
The error signal from the output of an external error ampli-
fier such as SC431 or SC4431 is applied to the inverting
input of the PWM comparator at the FB pin either directly
or via an opto coupler for the isolated applications. For best
stability, keep the FB trace length as short as possible.
C39
22n
C38
0.1u
Vref
SC4431
1
2
4
5
R35
C36
C35
R34
R36
R38
C37
R32
Vout
Vout
C40
22pF
R37
2.2k
MOCD207
3
4
6
5
Vref
FB
The signal at the FB pin is then compared to the 3X ampli-
fied signal from the current sense/ slope compensation
CS pin. Matched out of phase signals are generated to
control the OUTA and OUTB gate drives of the two phases.
A single ramp signal is used to generate the control sig-
nals for both phases, hence achieving a tightly matched
per phase operation.
Voltages below 1.5V at the FB pin, will produce a 0% duty
cycle at the OUTA/OUTB gate drives. This offset is to pro-
vide enough head room for the opto coupler used in iso-
lated applications.
GATE DRIVERS
OUTA and OUTB are out of phase bipolar gate drive output
stages, that are supplied from VCC and provide a peak
source/sink current of about 100mA. Both stages are ca-
pable of driving the logic input of external MOSFET drivers
or a NPN/PNP transistor buffer. The output stages switch
at half the oscillator frequency. When the voltage on the
RC pin is rising, one of the two outputs is high, but during
fall time, both outputs are off. This “dead time” between
the two outputs, along with a slower output rise and fall
time, insures that the two outputs can not be on at the
same time. The dead time is programmable and depends
upon the timing capacitor.
It should be noted that if high speed/high current drivers
such as the SC1301 are used, careful layout guide lines
must be followed in order to minimize stray inductance,
OUTA (PWM1)
OUTB (PWM1)
OUTA (PWM2)
OUTB (PWM2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com