Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TLE6259-2 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE6259-2
Description  Single-Wire-Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6259-2 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE6259-2 Datasheet HTML 1Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 2Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 3Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 4Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 5Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 6Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 7Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 8Page - Infineon Technologies AG TLE6259-2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Final Datasheet TLE 6259-2
Version 2.06
5
2003-02-21
1.5
Application Information
Figure 3: operation mode state diagram
Master Termination
For fail safe reasons, the TLE6259-2 already has a pull up resistor of 30k
W implemented.
To achieve the required timings for the dominant to recessive transition of the bus signal
an additional external termination resistor of 1k
W is required. It is recommended to place
this resistor in the master node. To avoid reverse currents from the bus line into the
battery supply line in case of an unpowered node, it is recommended to place a diode in
series to the external pull up. For small systems (low bus capacitance) the EMC
performance of the system is supported by an additional capacitor of at least 1nF in the
master node (see figure 6 and 7, application circuit).
External Capacitors
An capacitor of 22µF at the supply voltage input VS buffers the input voltage. In
combination with the required reverse polarity diode this prevents the device from
detecting power down conditions in case of negative transients on the supply line.
Start Up
Power Up
Wake Up
t > t
WAKE
EN
low
EN
(V
CC
high
ON)
EN
high
1) after wake-up via bus
2) ON when INH not connected to voltage regulator
3) after start up
Normal Mode
EN
ON
Vcc
INH
high
high
Sleep Mode
EN
OFF2)
V
CC
INH
low floating
EN
Stand-By
low1)
high3)
V
CC
INH
low high
RxD
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com